Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 104 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 104 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 100Page - Dialog Semiconductor DA9021 Datasheet HTML 101Page - Dialog Semiconductor DA9021 Datasheet HTML 102Page - Dialog Semiconductor DA9021 Datasheet HTML 103Page - Dialog Semiconductor DA9021 Datasheet HTML 104Page - Dialog Semiconductor DA9021 Datasheet HTML 105Page - Dialog Semiconductor DA9021 Datasheet HTML 106Page - Dialog Semiconductor DA9021 Datasheet HTML 107Page - Dialog Semiconductor DA9021 Datasheet HTML 108Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
104 of 142
© 2017 Dialog Semiconductor
Charger Detection and
Selector, OV-Protection,
USB-Suspend
Charger Buck
with VBAT
tracking
Reverse current protection
Battery Charger and
ACTIVE DIODE System Load Switch
Ext. ACTIVE DIODE
System Load Switch
VBAT
TBAT
Tjunc
ICHG
ICHG
VBAT
TBAT
Charge Timer
VDD_REF
Battery Switch
ICHGsense
Automatic
2-way
Load Switch
USB charger detection
Linear charging Current/Voltage
Control with DCCC
Battery Temperature Supervision
and IC Thermal Regulation
ACTIVE DIODE System Load Switch
GP-ADC
ISET_BUCK
Figure 43: Charger block diagram
19.1 High efficiency charger DC-DC buck converter
In order to minimise the total system power loss at high input currents, DA9021/22
’s main system
power VDDOUT is supplied out of a high efficient DC-DC converter, which is able to track
VBAT+200 mV (with minimum VDDOUT = 3.6 V).
When powering up VDDOUT the DC-DC converter provides a soft-start circuitry and the current limit
is implemented to meet the USB 2.0 specification for currents spikes where charge peaks are always
less than an equivalent bypass capacitive load of 10 µF. An integrated over voltage protection and
supply selection controls the behaviour of these power paths.
The buck converter operates at a high frequency (2 MHz). This switching frequency is chosen to be
high enough to allow the use of a small 4.7 µH inductor. To guarantee high efficiency at high load
currents the series resistance of the coil is limited to 100 m
Ω (at 1000 mA). Under light load
conditions the buck converter can be forced by the host to a low current PFM mode.
19.2 Charger supply detection/VBUS monitoring
DA9021/22 provides a charger input VBUS, which can be supplied either from a USB host/hub, a
USB type host/hub charger or a dedicated wall charger. To protect DA9021/22 against destruction
from invalid supplies an overvoltage protection circuitry will disconnect every charger that supplies
more than 5.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com