Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 108 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 108 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 104Page - Dialog Semiconductor DA9021 Datasheet HTML 105Page - Dialog Semiconductor DA9021 Datasheet HTML 106Page - Dialog Semiconductor DA9021 Datasheet HTML 107Page - Dialog Semiconductor DA9021 Datasheet HTML 108Page - Dialog Semiconductor DA9021 Datasheet HTML 109Page - Dialog Semiconductor DA9021 Datasheet HTML 110Page - Dialog Semiconductor DA9021 Datasheet HTML 111Page - Dialog Semiconductor DA9021 Datasheet HTML 112Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
108 of 142
© 2017 Dialog Semiconductor
19.7 Dynamic charging current control (DCCC) and active-diode
If the combination of the system load plus the battery charging current (pre-charge or fast linear
charging) exceeds the charger buck output current (which is limited by the current limitation of the
buck) into the VDDOUT node, then the output voltage on VDDOUT will start to drop down to VBAT
(which automatically reduces the charging current).
When the VDDOUT voltage drops to 3.6 V, and the charger buck is still in current limit, the charging
current to the battery will be reduced until it reaches zero or the buck runs below its current limit.
Once the VDDOUT is > 3.6 V or the buck runs below its current limit, the charging will be increased
until it reaches the programmed setting.
The battery charging control includes an active-diode circuit that will automatically provide current to
the system if the VDDOUT voltage falls below the VBAT voltage. If large currents or very low
resistance in series with the battery output is required the path can be extended by an external power
FET using the external active-diode controller.
100
0
200
300
400
IOUT
IVBUS
500
600
ICHG_BAT
0
100
200
300
400
500
IOUT [mA]
600
Example of DCCC & active diode operation in USB high power mode
extra current supplied
by active diode
Figure 45: DCCC & active diode operation
19.8 Programmable charge termination by time
The battery charger block will provide a safety timer controlling the maximum time allowed for battery
charging. The charge timer is programmable through the power manager bus. The total charge time
is defined as the time from when the battery charging was enabled (both for FAST and PRE-
CHARGE mode charging).
During FAST charge mode the time is dynamically extended whenever the current into the battery is
automatically reduced from DCCC or thermal regulation towards less than (for example) 50 % of the
configured maximum charge current. This change in charge time is inversely proportional to the
change in charge current. The dynamic safety timer is limited to eight times the programmed clock
period and can alternatively be configured towards a fixed timer. If the timer expires (reaches zero)
an interrupt request is issued and charging is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com