Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 112 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 112 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 108Page - Dialog Semiconductor DA9021 Datasheet HTML 109Page - Dialog Semiconductor DA9021 Datasheet HTML 110Page - Dialog Semiconductor DA9021 Datasheet HTML 111Page - Dialog Semiconductor DA9021 Datasheet HTML 112Page - Dialog Semiconductor DA9021 Datasheet HTML 113Page - Dialog Semiconductor DA9021 Datasheet HTML 114Page - Dialog Semiconductor DA9021 Datasheet HTML 115Page - Dialog Semiconductor DA9021 Datasheet HTML 116Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
112 of 142
© 2017 Dialog Semiconductor
Register
Address
Bit
Type
Label
Default
Description
00010: 3.700 V
00011: 3.725 V
00100: 3.750 V
00101: 3.775 V
00110: 3.800 V
00111: 3.825 V
01000: 3.850 V
01001: 3.875 V
01010: 3.900 V
01011: 3.925 V
01100: 3.950 V
01101: 3.975 V
01110: 4.000 V
01111: 4.025 V
10000: 4.050 V
10001: 4.075 V
10010: 4.100 V (Li-Polymer)
10011: 4.125 V
10100: 4.150 V
10101: 4.175 V
10110: 4.200 V (Li-Ion)
10111: 4.225 V
11000: 4.250 V
11001: 4.275 V
11010: 4.300 V
11011: 4.3250 V
11100: 4.350 V
11101: 4.375 V
11110: 4.400 V
11111: 4.425 V
Table 103: INPUT_CONT
Register
Address
Bit
Type
Label
Default
Description
R67
INPUT_CONT
3:0
R/W
TCTR
Note 1
1010
0000: Charge time out disabled
0001: 30 mins remaining
0010: 60 mins remaining
0011: 90 mins remaining
…
1010: 300 mins remaining
…
1111: 450 mins remaining
4
R/W
VBUS_SUSP
0
When set to 1, the USB charger path is set
into suspend mode, where the power path
from VBUS_PROT to VCENTER is
switched off.
Automatically cleared when USB supply is
removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com