Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 113 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 113 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 109Page - Dialog Semiconductor DA9021 Datasheet HTML 110Page - Dialog Semiconductor DA9021 Datasheet HTML 111Page - Dialog Semiconductor DA9021 Datasheet HTML 112Page - Dialog Semiconductor DA9021 Datasheet HTML 113Page - Dialog Semiconductor DA9021 Datasheet HTML 114Page - Dialog Semiconductor DA9021 Datasheet HTML 115Page - Dialog Semiconductor DA9021 Datasheet HTML 116Page - Dialog Semiconductor DA9021 Datasheet HTML 117Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
113 of 142
© 2017 Dialog Semiconductor
Register
Address
Bit
Type
Label
Default
Description
6
R/W
VCHG_DROP
0
Charger re-enabled if VBAT drops below
VCHG_BAT minus
0: 100 mV
1: 200 mV
7
R/W
TCTR_MODE
0
0: Total charge time is extended during
periods with reduced charge current
1: Total charge time is fixed
Note 1
Changing the value of TCTR sets the timer to the new value. The timer is paused whenever the
ICHG_BAT=0 mA. The current timer value can be read from the CHG_TIME register. The timer counts
down from the loaded value.
Table 104: CHG_TIME
Register
address
Bit
Type
Label
Default
Description
R68
CHG_TIME
7:0
R
CHG_TIME
00000000
Remaining minutes until charging time out
00000000: Charging ended
00000001: 2 mins remaining
00000010: 4 mins remaining
…
11111111: 510 mins remaining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com