Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 111 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 111 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 107Page - Dialog Semiconductor DA9021 Datasheet HTML 108Page - Dialog Semiconductor DA9021 Datasheet HTML 109Page - Dialog Semiconductor DA9021 Datasheet HTML 110Page - Dialog Semiconductor DA9021 Datasheet HTML 111Page - Dialog Semiconductor DA9021 Datasheet HTML 112Page - Dialog Semiconductor DA9021 Datasheet HTML 113Page - Dialog Semiconductor DA9021 Datasheet HTML 114Page - Dialog Semiconductor DA9021 Datasheet HTML 115Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
111 of 142
© 2017 Dialog Semiconductor
Table 101: BAT_CHG
Register
address
Bit
Type
Label
Default
Description
R65
BAT_CHG
5:0
R/W
ICHG_BAT
Note 1
001010
Battery charger current limit (CC)
000000: 0 mA (charging suspended)
000001: 20 mA
000010: 40 mA
000011: 60 mA
000100: 80 mA
000101: 100 mA
000110: 120 mA
000111: 140 mA
001000: 160 mA
001001: 180 mA
001010: 200 mA
001011: 220 mA
...
110111: 1100 mA
111000: 1120 mA
111001: 1140 mA
111010: 1160 mA
111011: 1180 mA
111100: 1200 mA
111101: 1220 mA
111110: 1240 mA
111111: 1260 mA
7:6
R/W
ICHG_PRE
10
Battery pre-charge current limit
00: 0 mA (charging suspended)
01: 20 mA
10: 40 mA
11: 60 mA
Note 1
3-bit trimming are used to tweak the absolute value via OTP
Table 102: CHG_CONT
Register
Address
Bit
Type
Label
Default
Description
R66
CHG_CONT
2:0
R/W
VCH_THR
001
Charger buck reduces the actual current
limit if external supply voltage drops below:
000: 3.7 V
001: 3.8 V
010: 3.9 V
011: 4.0 V
100: 4.1 V
101: 4.2 V
110: 4.3 V
111: 4.35 V (detection threshold)
7:3
R/W
VCHG_BAT
10110
Battery charger voltage limit (CV)
00000: 3.650 V
00001: 3.675 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com