Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 109 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 109 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 105Page - Dialog Semiconductor DA9021 Datasheet HTML 106Page - Dialog Semiconductor DA9021 Datasheet HTML 107Page - Dialog Semiconductor DA9021 Datasheet HTML 108Page - Dialog Semiconductor DA9021 Datasheet HTML 109Page - Dialog Semiconductor DA9021 Datasheet HTML 110Page - Dialog Semiconductor DA9021 Datasheet HTML 111Page - Dialog Semiconductor DA9021 Datasheet HTML 112Page - Dialog Semiconductor DA9021 Datasheet HTML 113Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
109 of 142
© 2017 Dialog Semiconductor
19.8.1
Battery charger
Table 98: CHG_BUCK
Register
address
Bit
Type
Label
Default
Description
R62
CHG_BUCK
3:0
R/W
ISET_BUCK
0010
Note 1
0000: 80 mA
0001: 90 mA
0010: 100 mA
0011: 110 mA
0100: 120 mA
0101: 130 mA
0110: 400 mA
0111: 450 mA
1000: 500 mA
1001: 550 mA
1010: 600 mA
1011: 650 mA
1100: 700 mA
1101: 900 mA
1110: 1100 mA
1111: 1300 mA
4
R/W
CHG_BUCK_EN
1
This bit is controlled by the charger state
machine. If reset by the host only a
charger removal and re-attach starts
automatic charger control again. If set to 1
the automatic charger control is started
immediately.
5
R/W
CHG_BUCK_LP
0
When set to 1 the charger buck is forced to
the PFM (SLEEP) mode and charging will
be suspended. Automatically cleared when
starting charging/re-charging
6
R/W
0
RESERVED
7
R/W
CHG_TEMP
1
0: Thermal charging control disabled
1: Thermal charging control enabled
Note 1
The OTP value is used during manufacturing to trim the max. 100 mA current limit (USB default
charge current)
Table 99: WAIT_CONT
Register
address
Bit
Type
Label
Default
Description
R63
WAIT_CONT
3:0
R/W
DELAY_TIME
1011
0000: 0 µsec
0001: 540 µs
0010: 1.0 ms
0011: 2.0 ms
0100: 4.1 ms
0101: 8.2 ms
0110: 16.4 ms
0111: 32.8 ms
1000: 65.5 ms
1001: 131 ms
1010: 262 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com