Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 114 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 114 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 110Page - Dialog Semiconductor DA9021 Datasheet HTML 111Page - Dialog Semiconductor DA9021 Datasheet HTML 112Page - Dialog Semiconductor DA9021 Datasheet HTML 113Page - Dialog Semiconductor DA9021 Datasheet HTML 114Page - Dialog Semiconductor DA9021 Datasheet HTML 115Page - Dialog Semiconductor DA9021 Datasheet HTML 116Page - Dialog Semiconductor DA9021 Datasheet HTML 117Page - Dialog Semiconductor DA9021 Datasheet HTML 118Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
114 of 142
© 2017 Dialog Semiconductor
20 Monitoring ADC and touch screen interface
20.1 ADC overview
The DA9021/22 provides an Analogue to Digital Converter (ADC) with 10-bit resolution and track and
hold circuitry combined with an analogue input multiplexer. The analogue input multiplexer allows
conversion of up to 10 different inputs. The track and hold circuit ensures stable input voltages at the
input of the ADC during the conversion.
The ADC is used to measure the following inputs:
● Channel 0: VDDOUT – measurement of the system voltage
● Channel 1: ICH – internal battery charger current measurement
● Channel 2: TBAT – output from the battery NTC
● Channel 3: VBAT – measurement of the battery voltage
● Channel 4: ADC_IN4 – high impedance input (0 – 2.5 V)
● Channel 5: ADC_IN5 – high impedance input (0 – 2.5 V)
● Channel 8: Internal T
JUNC.-sense (internal temp. sensor)
MUX
TRACK AND
HOLD
ADC
2.5V Vref
Power
Manager
Registers
ADCIN4,5
TBAT
CONNECTIONS
FROM CHARGER
VDDOUT
ICH
TBAT
VBAT
Figure 46: ADC block diagram
20.1.1
Input MUX
The MUX selects from and isolates the inputs and presents the channel to be measured to the ADC
input. When selected, an input amplifier on the VDDOUT (and VBAT) channel subtracts the
VDDCORE reference voltage and scales the signal to the correct value for the ADC.
20.1.2
ADC
The ADC uses a sample and hold successive approximation switched capacitor architecture. It is
supplied from internal core supply rail VDDCORE (2.5 V). It can be used either a HIGH SPEED
mode with measurements sequences repeated every 1 ms or in ECONOMY mode with sequences
performed every 10 ms.
20.2 MANUAL CONVERSION mode
For manual measurements the ADC powers up, one conversion is done on the specified channel and
the 10-bit result is stored. After the conversion is completed, the ADC powers down again and an
IRQ event flag is set (end of manual conversion). The generation of this IRQ can be masked by the
IRQ mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com