Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 116 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 116 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 112Page - Dialog Semiconductor DA9021 Datasheet HTML 113Page - Dialog Semiconductor DA9021 Datasheet HTML 114Page - Dialog Semiconductor DA9021 Datasheet HTML 115Page - Dialog Semiconductor DA9021 Datasheet HTML 116Page - Dialog Semiconductor DA9021 Datasheet HTML 117Page - Dialog Semiconductor DA9021 Datasheet HTML 118Page - Dialog Semiconductor DA9021 Datasheet HTML 119Page - Dialog Semiconductor DA9021 Datasheet HTML 120Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
116 of 142
© 2017 Dialog Semiconductor
20.3.3
A2: TBAT and battery temperature warning nIRQ measurement mode
When the battery is being charged, the TBAT voltage is measured automatically. During this
measurement, a 50 µA current is sourced to the battery temperature sense resistor from the TBAT
pin. The TBAT high and low thresholds are programmed into the OTP. The measurement result is
used to protect the battery pack from damage during charging at too high temperatures. Temperature
is flagged by three threshold levels held in the threshold registers (loaded from OTP at start-up). If
three consecutive readings of TBAT are outside the configured range, then charging is disabled, an
event flag is set and an interrupt is generated. The processor can then either service the IRQ and
turn off charging or do nothing. If nothing is done, the FAST CHARGE block will start charging again
as soon as the temperature readings are inside the programmed range. The generation of this IRQ
can be masked.
20.3.4
A4, A5: automatic measurement and high/low threshold warning nIRQ mode
The automatic measurement result of channel ADC_IN4 is stored. If a reading of ADC_IN4 is outside
the programmed range then an event flag is set. If nIRQ was asserted the automatic measurement of
channel ADC_IN4 is paused until the host has cleared the associated event flag (the event causing
value is kept inside the result register). If debouncing is selected the event will only be asserted if two
consecutive measurements override the same threshold. The assertion of nIRQ can be masked by
IRQ mask.
The same functionality is available at ADC_IN5 .In addition it is possible to use ADCIN4 with a 15
μA
current source that allows automatic measurement of a resistor value. During automatic
measurements the enabled current source is dynamically switched off at the end of the conversion
and switched on one slot prior to the next ADC_IN4 measurement (to enable minimum current
consumption, and allow external capacitance to settle), otherwise its status is static.
20.3.5
A8: automatic measurement of internal temperature
Selection of channel 8 (TJUNC) will be used to measure the output of the internal temperature sensor
generated out of a PTAT current from the BGR. The channel 8 measures the output of the
temperature sensor with a gain of 3. An offset register can be used for a one point calibration of the
temperature sensor.
20.3.6
A3, A9: manual measurement VBAT and VBBAT
Channel 3 will be used to manually measure the main battery voltage and channel 9 can be used to
measure the voltage of the backup battery.
20.4 Fixed threshold comparator
A comparator with a threshold of VREF (1.2 V) is connected to the input of channel 5. The
comparator is asserted whenever the input voltage is in excess of or drops below 1.2 V for at least
10 ms (debouncing) when being enabled via COMP1V2_EN. A status flag COMP_DET indicates the
actual state and a maskable interrupt request E_COMP_v12 is generated at falling and rising edge
state transitions. The comparator has to be disabled via COMP1V2_EN when auto measurements
with high resolution are executed on ADCIN5.
Table 105: R69 to R78
Register Address
Bit
Type
Label
Default
Description
R69, R70, R71, R72, R73,
R74, R75, R76, R77, R78
7:0
00000000
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com