Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 120 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 120 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 116Page - Dialog Semiconductor DA9021 Datasheet HTML 117Page - Dialog Semiconductor DA9021 Datasheet HTML 118Page - Dialog Semiconductor DA9021 Datasheet HTML 119Page - Dialog Semiconductor DA9021 Datasheet HTML 120Page - Dialog Semiconductor DA9021 Datasheet HTML 121Page - Dialog Semiconductor DA9021 Datasheet HTML 122Page - Dialog Semiconductor DA9021 Datasheet HTML 123Page - Dialog Semiconductor DA9021 Datasheet HTML 124Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
120 of 142
© 2017 Dialog Semiconductor
Register
Address
Bit
Type
Label
Default
Description
ICHG_THD
detection threshold (compared with
ICHG_AV)
00000000 corresponds to 0 mA,
11111111 corresponds to 1000 mA
Table 116: ICHG_END
Register
Address
Bit
Type
Label
Default
Description
R89
ICHG_END
7:0
R/W
ICHG_END
00000110
Battery charging end point current
detection threshold (compared with
ICHG_AV)
00000000 corresponds to 0 mA,
11111111 corresponds to 1000 mA
Table 117: TBAT_RES
Register
Address
Bit
Type
Label
Default
Description
R90
TBAT_RES
7:0
R
TBAT_RES
00000000
00000000
– 11111111: Auto ADC TBAT
conversion result (ADCIN1)
Table 118: TBAT_HIGHP
Register
Address
Bit
Type
Label
Default
Description
R91
TBAT_HIGHP
7:0
R/W
TBAT_HIGHP
00000000
00000000
– 11111111: TBAT high
temperature threshold
Table 119: TBAT_HIGHN
Register
Address
Bit
Type
Label
Default
Description
R92
TBAT_HIGHN
7:0
R/W
TBAT_HIGHN
00000000
00000000
– 11111111: TBAT high
temperature resume charging threshold
(typically 45 °C)
Table 120: TBAT_LOW
Register
Address
Bit
Type
Label
Default
Description
R93
TBAT_LOW
7:0
R/W
TBAT_LOW
11111111
00000000
– 11111111: TBAT low
temperature threshold (typically 0 °C)
Table 121: T_OFFSET
Register
Address
Bit
Type
Label
Default
Description
R94
T_OFFSET
7:0
R/W
T_OFFSET
00000000
10000000
– 01111111: signed two’s
complement calibration offset for junction
temperature measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com