Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 121 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 121 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 117Page - Dialog Semiconductor DA9021 Datasheet HTML 118Page - Dialog Semiconductor DA9021 Datasheet HTML 119Page - Dialog Semiconductor DA9021 Datasheet HTML 120Page - Dialog Semiconductor DA9021 Datasheet HTML 121Page - Dialog Semiconductor DA9021 Datasheet HTML 122Page - Dialog Semiconductor DA9021 Datasheet HTML 123Page - Dialog Semiconductor DA9021 Datasheet HTML 124Page - Dialog Semiconductor DA9021 Datasheet HTML 125Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
121 of 142
© 2017 Dialog Semiconductor
Table 122: ADCIN4_RES
Register
Address
Bit
Type
Label
Default
Description
R95
ADCIN4_RES
7:0
R
ADCIN4_RES
00000000
00000000
– 11111111: Auto ADC
ADCIN4 conversion result
Table 123: AUTO4_HIGH
Register
Address
Bit
Type
Label
Default
Description
R96
AUTO4_HIGH
7:0
R/W
AUTO4_HIGH
11111111
00000000
– 11111111: ADCIN4 high
level threshold
Table 124: AUTO4_LOW
Register
Address
Bit
Type
Label
Default
Description
R97
AUTO4_LOW
7:0
R/W
AUTO4_LOW
00000000
00000000
– 11111111: ADCIN4 low level
threshold
Table 125: ADCIN5_RES
Register
Address
Bit
Type
Label
Default
Description
R98
ADCIN5_RES
7:0
R
ADCIN5_RES
00000000
00000000
– 11111111: Auto ADC
ADCIN5 conversion result
Table 126: AUTO5_HIGH
Register
Address
Bit
Type
Label
Default
Description
R99
AUTO5_HIGH
7:0
R/W
AUTO5_HIGH
11111111
00000000
– 11111111: ADCIN5 high
level threshold
Table 127: AUTO5_LOW
Register
Address
Bit
Type
Label
Default
Description
R100
AUTO5_LOW
7:0
R/W
AUTO5_LOW
00000000
00000000
– 11111111: ADCIN5 low level
threshold
Table 128: R102, R103
Register
Address
Bit
Type
Label
Default
Description
R102
7:0
11111111
RESERVED
R103
7:0
00000000
RESERVED
Table 129: TJUNC_RES
Register
Address
Bit
Type
Label
Default
Description
R104
TJUNC_RES
7:0
R
TJUNC_RES
00000000
00000000
– 11111111: Auto TJUNC
conversion result (ADCIN8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com