Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 122 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 122 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 118Page - Dialog Semiconductor DA9021 Datasheet HTML 119Page - Dialog Semiconductor DA9021 Datasheet HTML 120Page - Dialog Semiconductor DA9021 Datasheet HTML 121Page - Dialog Semiconductor DA9021 Datasheet HTML 122Page - Dialog Semiconductor DA9021 Datasheet HTML 123Page - Dialog Semiconductor DA9021 Datasheet HTML 124Page - Dialog Semiconductor DA9021 Datasheet HTML 125Page - Dialog Semiconductor DA9021 Datasheet HTML 126Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
122 of 142
© 2017 Dialog Semiconductor
Table 130: R105, R106
Register
Address
Bit
Type
Label
Default
Description
R105
7:0
00000001
RESERVED
R106
7:0
00000000
RESERVED
20.4.3
RTC calendar and alarm
Table 131: COUNT_S
Register
Address
Bit
Type
Label
Default
Description
R111
COUNT_S
5:0
R/W
COUNT_SEC
000000
0x00 – 0x3B: RTC seconds read-out. A read
of this register latches the current RTC
calendar count into the registers R111
to R116 (coherent for approx. 0.5 s).
6
R/W
MONITOR
0
Read-out
‘0’ indicates that the power was
lost. Read-
out of ‘1’ indicates that the clock is
OK
Set to ‘1’ when setting time to arm RTC
monitor function.
Table 132: COUNT_MI
Register
Address
Bit
Type
Label
Default
Description
R112
COUNT_MI
5:0
R/W
COUNT_MIN
000000
0x00
– 0x3B: RTC minutes read-out
Table 133: COUNT_H
Register
Address
Bit
Type
Label
Default
Description
R113
COUNT_H
4:0
R/W
COUNT_HOUR
00000
0x00
– 0x17: RTC hours read-out
Table 134: COUNT_D
Register
Address
Bit
Type
Label
Default
Description
R114
COUNT_D
4:0
R/W
COUNT_DAY
00001
0x01
– 0x1F: RTC days read-out
7:5
R
000
Table 135: COUNT_MO
Register
Address
Bit
Type
Label
Default
Description
R115
COUNT_MO
3:0
R/W
COUNT_MONTH
0001
0x01
– 0x0C: RTC months read-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com