Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 125 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 125 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 121Page - Dialog Semiconductor DA9021 Datasheet HTML 122Page - Dialog Semiconductor DA9021 Datasheet HTML 123Page - Dialog Semiconductor DA9021 Datasheet HTML 124Page - Dialog Semiconductor DA9021 Datasheet HTML 125Page - Dialog Semiconductor DA9021 Datasheet HTML 126Page - Dialog Semiconductor DA9021 Datasheet HTML 127Page - Dialog Semiconductor DA9021 Datasheet HTML 128Page - Dialog Semiconductor DA9021 Datasheet HTML 129Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
125 of 142
© 2017 Dialog Semiconductor
Table 148: CONFIG_ID
Register
Address
Bit
Type
Label
Default
Description
R130
CONFIG_ID
2:0
R
CONF_ID
000
ID for customer variant of start-up voltages
and sequencer configuration, written during
production of variant
7:3
R
CUSTOMER_ID
00000
ID for customer, written during production of
variant
20.5.1
Customer OTP
Table 149: OTP_CONT
Register
Address
Bit
Type
Label
Default
Description
R131
OTP_CONT
0
R/W
OTP_TRANSFER
0
0: No transfer in progress
1: Writing ‘1’ to this bit initiates the fusing of
selected OTP cells with the content from
corresponding registers
1: Reading ‘1’ indicates the transfer is still
ongoing
1
R/W
OTP_RP
0
0: Transfer is Read
1: Transfer is Programming
2
R/W
OTP_GP
0
0: No action
1: Transfer includes configuration
registers R132 to R142 (plus
GP_WRITE_DIS and OTP_GP_LOCK)
3
R/W
OTP_CONF
0
0: No action
1: Transfer includes configuration R10
to R106 (plus OTP_CONF_LOCK)
4
R
0
5
R
OTP_GP_LOCK
0
0: OTP not locked after programming
1: OTP will be locked during programming
(no further fusing possible)
Note 1
6
R/W
OTP_CONF_LOCK
1
0: OTP registers R10 to R106 not locked
after programming (only for unmarked
evaluation samples)
1: OTP registers R10 to R106 will be locked
during programming (set for all marked parts,
no further fusing possible)
Note 1
7
R/W
GP_WRITE_DIS
0
0: Enables write access to GP_ID registers
1: GP_ID registers are read only
Note 1
Note 1
Write access for fusing only, control state is loaded from OTP defaults after POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com