Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 128 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 128 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 124Page - Dialog Semiconductor DA9021 Datasheet HTML 125Page - Dialog Semiconductor DA9021 Datasheet HTML 126Page - Dialog Semiconductor DA9021 Datasheet HTML 127Page - Dialog Semiconductor DA9021 Datasheet HTML 128Page - Dialog Semiconductor DA9021 Datasheet HTML 129Page - Dialog Semiconductor DA9021 Datasheet HTML 130Page - Dialog Semiconductor DA9021 Datasheet HTML 131Page - Dialog Semiconductor DA9021 Datasheet HTML 132Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Company confidential
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
128 of 142
© 2017 Dialog Semiconductor
Register
Function
7
6
5
4
3
2
1
0
R17
CONTROL_D
0 - Reserved
GPI14_15_SD
nONKEY_SD
R18
PD_DIS
PM-
CONT_PD
OUT_32K_PD
CHG_PD
HS-2-wire_PD
PM-IF_PD
GP-ADC_PD
GPIO_PD
R19
INTERFACE
IF_BASE_AD
DR
nCS_POL
R/W_POL
CPHA
CPOL
IF_TYPE
R20
RESET
RESET_EVE
NT
RESET_TIME
R
GPIO control registers (GPIO)
R21
GPIO_0-1
GPIO1_
MODE
GPIO1_TYPE
GPIO1_PIN
GPIO0_
MODE
GPIO0_TYPE
GPIO0_PIN
R22
1- Reserved
1 - Reserved
10 - Reserved
1 - Reserved
1 - Reserved
10 - Reserved
R23
1 - Reserved
1 - Reserved
10 - Reserved
1 - Reserved
1- Reserved
10 - Reserved
R24
1 - Reserved
1 - Reserved
10 - Reserved
1 - Reserved
1 - Reserved
10 - Reserved
R25
GPIO_8-9
GPIO9_
MODE
GPIO9_TYPE
GPIO9_PIN
GPIO8_
MODE
GPIO8_TYPE
GPIO8_PIN
R26
GPIO_10-11
1 - Reserved
1 - Reserved
10 - Reserved
GPIO10_
MODE
GPIO10_TYP
E
GPIO10_PIN
R27
GPIO_12-13
GPIO13_
MODE
GPIO13_TYP
E
GPIO13_PIN
GPIO12_
MODE
GPIO12_TYP
E
GPIO12_PIN
R28
GPIO_14-15
GPIO15_
MODE
GPIO15_TYP
E
GPIO15_PIN
GPIO14_
MODE
GPIO14_TYP
E
GPIO14_PIN
Power sequencer control registers (SEQ)
R29
ID_0_1
LDO1_STEP
Not used
DEF_SUPPLY
nRES_MODE
R30
ID_2_3
LDO3_STEP
R32
ID_6_7
LDO7_STEP
R34
ID_10_
LDO9_STEP
R34
ID_10_11
PD_DIS_STEP
LDO10_STEP
R36
ID_14_15
BUCKPRO_STEP
BUCKCORE_STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com