Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 127 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 127 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 123Page - Dialog Semiconductor DA9021 Datasheet HTML 124Page - Dialog Semiconductor DA9021 Datasheet HTML 125Page - Dialog Semiconductor DA9021 Datasheet HTML 126Page - Dialog Semiconductor DA9021 Datasheet HTML 127Page - Dialog Semiconductor DA9021 Datasheet HTML 128Page - Dialog Semiconductor DA9021 Datasheet HTML 129Page - Dialog Semiconductor DA9021 Datasheet HTML 130Page - Dialog Semiconductor DA9021 Datasheet HTML 131Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Company confidential
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
127 of 142
© 2017 Dialog Semiconductor
21 Register Map
Table 151: Register map
Register
Function
7
6
5
4
3
2
1
0
PAGE 0
System control and event registers (SYSMON)
R0
PAGE_CON
REG_PAGE
Not used
Not used
Not used
Not used
Not used
Not used
Not used
R1
STATUS_A
VDAT_DET
VBUS_SEL
VBUS_DET
nONKEY
R2
STATUS_B
COMP_DET
SEQUENCIN
G
GP_FB2
CHG_TO
CHG_END
CHG_LIM
CHG_PRE
CHG_ATT
R3
STATUS_C
GPI1
GPI0
R4
STATUS_D
GPI15
GPI14
GPI13
GPI12
GPI10
GPI9
GPI8
R5
EVENT_A
M_COMP_1V
2
M_SEQ_RDY
E_ALARM
E_VDD_LOW
E_VBUS_RE
M
E_VBUS_DET
Reserved
R6
EVENT_B
E_ADC_EOM
E_TBAT
E_CHG_END
E_nONKEY
R7
EVENT_C
E_GPI1
E_GPI0
R8
EVENT_D
E_GPI15
E_GPI14
E_GPI13
E_GPI12
E_GPI10
E_GPI9
E_GPI8
R9
FAULT_LOG
WAIT_SHUT
nSD_SHUT
KEY_SHUT
Not used
TEMP_OVER
VDD_START
VDD_FAULT
R10
IRQ_MASK_A
M_COMP_1V
2
M_SEQ_RDY
M_ALARM
M_VDD_LOW
M_VBUS_RE
M
M_VBUS_VL
D
Reserved
R11
IRQ_MASK_B
M_ADC_EOM
M_TBAT
M_CHG_END
M_nONKEY
R12
IRQ_MASK_C
M_GPI1
M_GPI0
R13
IRQ_MASK_D
M_GPI15
M_GPI14
M_GPI13
M_GPI12
M_GPI10
M_GPI9
M_GPI8
R14
CONTROL_A
GPI_V
PM_O_TYPE
PM_I_V
PWR1_EN
PWR_EN
SYS_EN
R15
CONTROL_B
SHUTDOWN
DEEP_SLEEP
WRITE_MOD
E
OTPREAD_E
N
AUTO_BOOT
ACT_DIODE
BUCK_MERG
E
R16
CONTROL_C
BLINK_DUR
BLINK_FRQ
DEBOUNCIN
G
PM_FB2_PIN
PM_FB1_PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com