Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 119 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 119 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 115Page - Dialog Semiconductor DA9021 Datasheet HTML 116Page - Dialog Semiconductor DA9021 Datasheet HTML 117Page - Dialog Semiconductor DA9021 Datasheet HTML 118Page - Dialog Semiconductor DA9021 Datasheet HTML 119Page - Dialog Semiconductor DA9021 Datasheet HTML 120Page - Dialog Semiconductor DA9021 Datasheet HTML 121Page - Dialog Semiconductor DA9021 Datasheet HTML 122Page - Dialog Semiconductor DA9021 Datasheet HTML 123Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
119 of 142
© 2017 Dialog Semiconductor
Register
Address
Bit
Type
Label
Default
Description
(economy mode)
1: Measurement sequence interval 1 ms
(recommended for TSI mode)
7
R/W
COMP1V2_
EN
0
0: Disable 1.2 V comparator at ADCIN5
1: Enable 1.2 V comparator
Table 110: ADC_RES_L
Register
Address
Bit
Type
Label
Default
Description
R83
ADC_RES_L
1:0
R
ADC_RES_LSB
00
10-bit manual conversion result (2 LSBs)
Table 111: ADC_RES_H
Register
Address
Bit
Type
Label
Default
Description
R84
ADC_RES_H
7:0
R
ADC_RES_MSB
000000
10-bit manual conversion result (8 MSBs)
Table 112: VDD_RES
Register
Address
Bit
Type
Label
Default
Description
R85
VDD_RES
7:0
R
VDDOUT_RES
00000000
0x00
– 0xFF: Auto VDDOUT conversion
result (ADCIN0)
00000000 corresponds to 2.5 V
11111111 corresponds to 4.5 V
Table 113: VDD_MON
Register
Address
Bit
Type
Label
Default
Description
R86
VDD_MON
7:0
R/W
VDDOUT_MON
00000000
VDDOUT_MON threshold setting (8-bit).
00000000 corresponds to 2.5 V
11111111 corresponds to 4.5 V
Table 114: ICHG_AV
Register
Address
Bit
Type
Label
Default
Description
R87
ICHG_AV
7:0
R
ICHG_AV
00000000
Charger current average conversion
result,
8 MSBs from an internal 18-bit
accumulator, updated every 10.24 sec:
00000000 corresponds to 0 mA,
11111111 corresponds to 1000 mA
Table 115: ICHG_THD
Register
Address
Bit
Type
Label
Default
Description
R88
7:0
R/W
ICHG_THD
01000000
Reduced battery charging current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com