Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 103 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 103 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 99Page - Dialog Semiconductor DA9021 Datasheet HTML 100Page - Dialog Semiconductor DA9021 Datasheet HTML 101Page - Dialog Semiconductor DA9021 Datasheet HTML 102Page - Dialog Semiconductor DA9021 Datasheet HTML 103Page - Dialog Semiconductor DA9021 Datasheet HTML 104Page - Dialog Semiconductor DA9021 Datasheet HTML 105Page - Dialog Semiconductor DA9021 Datasheet HTML 106Page - Dialog Semiconductor DA9021 Datasheet HTML 107Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
103 of 142
© 2017 Dialog Semiconductor
19 Programmable battery charger
The system power and charger control block contains the following functions:
● 2-way power path switch with automatic selection of the system power source (VDDOUT) from
either VBUS or VBAT. Battery disconnection switch to allow Instant-On system start-up with
discharged main battery
● Embedded active diode and external active diode controller provide a low loss power path
seamless switching in whenever input power is limited or unavailable
● VBAT tracking switching regulator supplying system power out of USB port with an efficiency >
85 % @ 1000 mA load current
● Full featured autonomous Li-Ion/Polymer battery charger with pre-configurable current limits and
programmable EOC voltages (4.1 V to 4.4 V), current monitoring (always active when charger is
on) and OTP programmable EOC currents. Integrated control over battery pre-charge (including
battery pack wakeup), Constant-Current and Constant-Voltage charging phases
● Automatic charge current reduction via Dynamic Charger Current Control (DCCC), maintaining
VDDOUT system power at minimum 3.5 V without exceeding the supply current limits. Individual
programmable current limits for the USB supply input
● Automatic USB Battery Charging, Specification Rev.1.0 compliant charger type detection, USB
SUSPEND mode support
● Battery temperature qualified charging (using GP-ADC) with default threshold settings loaded
from OTP
● Battery charging termination by current (using GP-ADC) with default threshold setting loaded
from OTP
● Extended battery life by protection against continuous top charging (configurable re-charge
hysteresis)
● Thermal limiting of charge current by IC temperature (using GP-ADC)
● Programmable charge termination by timer for safety



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com