Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 101 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 101 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 97Page - Dialog Semiconductor DA9021 Datasheet HTML 98Page - Dialog Semiconductor DA9021 Datasheet HTML 99Page - Dialog Semiconductor DA9021 Datasheet HTML 100Page - Dialog Semiconductor DA9021 Datasheet HTML 101Page - Dialog Semiconductor DA9021 Datasheet HTML 102Page - Dialog Semiconductor DA9021 Datasheet HTML 103Page - Dialog Semiconductor DA9021 Datasheet HTML 104Page - Dialog Semiconductor DA9021 Datasheet HTML 105Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
101 of 142
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Default
Description
100000: 2.80 V
100001: 2.85 V
100010: 2.90 V
100011: 2.95 V
100100: 3.00 V
100101: 3.05 V
100110: 3.10 V
100111: 3.15 V
101000: 3.20 V
101001: 3.25 V
101010: 3.30 V
101011: 3.35 V
101100: 3.40 V
101101: 3.45 V
101110: 3.50 V
101111: 3.55 V
110000: 3.60 V
>110000: 3.60 V
6
R/W
LDO10_EN
0
0: LDO10 disabled
1: LDO10 enabled
7
R/W
LDO10_CO
NF
0
0: Supply voltage immediate change
1: Supply voltage preset (activated during
power down sequence instead of disable)
Table 95: SUPPLY
Register
address
Bit
Type
Label
Default
Description
R60
SUPPLY
0
R/W
VB_CORE
_GO
0
0: Hold VBUCKCORE at current setting.
1: Ramp BUCKCORE to configured voltage.
While the voltage is ramping, write access is
blocked to BUCKPRO register.
VBUCKCORE_GO is cleared when the
target voltage is reached. While ramping, the
buck is forced into PWM
1
R/W
VB_PRO_
GO
0
0: Hold VBUCKPRO at current setting.
1: Ramp BUCKPRO to configured voltage.
While the voltage is ramping, write access is
blocked to BUCKPRO register.
VBUCKPRO_GO is cleared when the target
voltage is reached. While ramping, the buck
is forced into PWM
2
R/W
VB_MEM_
GO
0
0: Hold VBUCKMEM at current setting
1: Ramp BUCKMEM to configured voltage.
While the voltage is ramping, write access is
blocked to BUCKMEM register.
VBUCKMEM_GO is cleared when the target
voltage is reached. While ramping, the buck
is forced into PWM.
3
R/W
0
RESERVED
4
R/W
VLDO3_G
O
0
0: Hold VLDO3 at current setting.
1: Ramp VLDO3 to configured voltage. While



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com