Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 114 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9174 Datasheet HTML 110Page - Analog Devices AD9174 Datasheet HTML 111Page - Analog Devices AD9174 Datasheet HTML 112Page - Analog Devices AD9174 Datasheet HTML 113Page - Analog Devices AD9174 Datasheet HTML 114Page - Analog Devices AD9174 Datasheet HTML 115Page - Analog Devices AD9174 Datasheet HTML 116Page - Analog Devices AD9174 Datasheet HTML 117Page - Analog Devices AD9174 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 114 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x1E2
DDSM_CAL_FTW0
[7:0]
DDSM_CAL_
FTW[7:0]
FTW of the calibration accumulator. This
control is paged by the MAINDAC_PAGE bits
in Register 0x008.
0x0
R/W
0x1E3
DDSM_CAL_FTW1
[7:0]
DDSM_CAL_
FTW[15:8]
FTW of the calibration accumulator. This
control is paged by the MAINDAC_PAGE bits
in Register 0x008.
0x0
R/W
0x1E4
DDSM_CAL_FTW2
[7:0]
DDSM_CAL_
FTW[23:16]
FTW of the calibration accumulator. This
control is paged by the MAINDAC_PAGE bits
in Register 0x008.
0x0
R/W
0x1E5
DDSM_CAL_FTW3
[7:0]
DDSM_CAL_
FTW[31:24]
FTW of the calibration accumulator. This
control is paged by the MAINDAC_PAGE bits
in Register 0x008.
0x0
R/W
0x1E6
DDSM_CAL_MODE_
DEF
[7:3]
RESERVED
Reserved.
0x0
R
2
DDSM_EN_CAL_
ACC
Enable clock calibration accumulator. This bit
must be first set high, and then must load
the calibration FTW into Register 0x1E2 to
Register 0x1E5 to take effect. This control
is paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R/W
0
Disabled (does not clock the calibration
frequency accumulator).
1
Enables (turns on the clock to the
calibration frequency accumulator).
1
DDSM_EN_CAL_
DC_INPUT
Enable dc input to calibration DDS. This
control is paged by the MAINDAC_PAGE
bits in Register 0x008.
0x0
R/W
0
Mux in datapath signal to the input of the
final DDS.
1
Mux in dc to the input of the final DDS.
0
DDSM_EN_CAL_
FREQ_TUNE
Enable tuning of the signal to calibration
frequency for DAC0 only. This control is
paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R/W
0
Disable calibration frequency tuning.
1
Enable calibration frequency tuning.
0x1E7
DATAPATH_NCO_
SYNC_CFG
[7:2]
RESERVED
Reserved.
0x0
R
1
ALL_NCO_SYNC_
ACK
Acknowledge signal that all the active NCOs
are loaded. This bit is the acknowledge
indicator for both the START_NCO_SYNC
bit (Bit 0 of this register) and the NCORST_
AFTER_ROT_EN bit (Register 0x03B, Bit 4)
method of resetting the NCOs. This control
is paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R
0
START_NCO_SYNC
Used to start the sync of the NCOs on a
rising edge of the SPI bit or SYSREF±
signal, depending on which is chosen as
the update trigger. Upon receiving a
trigger, the FTWs are loaded first, and then
a synchronization occurs. This control is
paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R/W
0x200
MASTER_PD
[7:1]
RESERVED
Reserved.
0x0
R
0
SERDES_MASTER_
PD
Powers down the entire JESD204B receiver
analog (all eight channels and bias).
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com