Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 131 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 131 Page - Analog Devices

Back Button AD9174 Datasheet HTML 127Page - Analog Devices AD9174 Datasheet HTML 128Page - Analog Devices AD9174 Datasheet HTML 129Page - Analog Devices AD9174 Datasheet HTML 130Page - Analog Devices AD9174 Datasheet HTML 131Page - Analog Devices AD9174 Datasheet HTML 132Page - Analog Devices AD9174 Datasheet HTML 133Page - Analog Devices AD9174 Datasheet HTML 134Page - Analog Devices AD9174 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 131 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x46F
UNEXPECTED_
KCHAR
7
UEK7
Unexpected K character errors status, Lane 7.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
6
UEK6
Unexpected K character errors status, Lane 6.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
5
UEK5
Unexpected K character errors status, Lane 5.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
4
UEK4
Unexpected K character errors status, Lane 4.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
3
UEK3
Unexpected K character errors status, Lane 3.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
2
UEK2
Unexpected K character errors status, Lane 2.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
1
UEK1
Unexpected K character errors status, Lane 1.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
0
UEK0
Unexpected K character errors status, Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
0x470
CODE_GRP_SYNC
7
CGS7
Code group synchronization status for
Lane 7. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
6
CGS6
Code group synchronization status for
Lane 6. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
5
CGS5
Code group synchronization status for
Lane 5. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com