Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 127 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 127 Page - Analog Devices

Back Button AD9174 Datasheet HTML 123Page - Analog Devices AD9174 Datasheet HTML 124Page - Analog Devices AD9174 Datasheet HTML 125Page - Analog Devices AD9174 Datasheet HTML 126Page - Analog Devices AD9174 Datasheet HTML 127Page - Analog Devices AD9174 Datasheet HTML 128Page - Analog Devices AD9174 Datasheet HTML 129Page - Analog Devices AD9174 Datasheet HTML 130Page - Analog Devices AD9174 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 127 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x43D
CHECKSUM6_REG
[7:0]
LL_FCHK6
Received checksum during ILAS on Lane 6.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0x43E
COMPSUM6_REG
[7:0]
LL_FCMP6
Computed checksum on Lane 6. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0x442
LID7_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LL_LID7
Received ILAS LID configuration on Lane 7.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0x445
CHECKSUM7_REG
[7:0]
LL_FCHK7
Received checksum during ILAS on Lane 7.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0x446
COMPSUM7_REG
[7:0]
LL_FCMP7
Computed checksum on Lane 7. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0x450
ILS_DID
[7:0]
DID
Device (link) identification number. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R/W
0x451
ILS_BID
[7:0]
BID
Bank ID, extension to DID. This control is
paged by the LINK_PAGE control in
Register 0x300. This signal must only be
programmed while the QBD is held in soft
reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0x0
R/W
0x452
ILS_LID0
7
RESERVED
Reserved.
0x0
R
6
ADJDIR
Direction to adjust the DAC LMFC. Link
information is received on Link Lane 0 as
specified in Section 8.3 of JESD204B. Only
Link 0 is supported. This control is paged
by the LINK_PAGE control in Register 0x300.
0x0
R/W
5
PHADJ
Phase adjustment request to the DAC.
Only Link 0 is supported. This control is
paged by the LINK_PAGE control in Register
0x300.
0x0
R/W
[4:0]
LID0
Lane identification number (within link).
This control is paged by the LINK_PAGE
control in Register 0x300. This signal must
only be programmed while the QBD is
held in soft reset (Register 0x475, Bit 3), and
must not be changed during normal
operation.
0x0
R/W
0x453
ILS_SCR_L
7
SCR
Scramble enabled for the link. This control
is paged by the LINK_PAGE control in
Register 0x300.
0x1
R/W
0
Descrambling is disabled.
1
Descrambling is enabled.
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
L_1
Number of lanes per converter (minus 1).
This control is paged by the LINK_PAGE
control in Register 0x300.
0x7
R/W
0x454
ILS_F
[7:0]
F_1
Number of octets per frame per lane
(minus 1). This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
0x455
ILS_K
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
K_1
Number of frames per multiframe (minus 1).
This control is paged by the LINK_PAGE
control in Register 0x300.
0x1F
R/W
11111
32 frames per multiframe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com