Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 124 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 124 Page - Analog Devices

Back Button AD9174 Datasheet HTML 120Page - Analog Devices AD9174 Datasheet HTML 121Page - Analog Devices AD9174 Datasheet HTML 122Page - Analog Devices AD9174 Datasheet HTML 123Page - Analog Devices AD9174 Datasheet HTML 124Page - Analog Devices AD9174 Datasheet HTML 125Page - Analog Devices AD9174 Datasheet HTML 126Page - Analog Devices AD9174 Datasheet HTML 127Page - Analog Devices AD9174 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 124 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x32F
SHORT_TPL_TEST_3
7
SHORT_TPL_LINK_
SEL
For running STPL on dual-link JESD204B
modes. Selects whether the STPL test is
performed on samples that are addressed to
the DAC0 channelizers/datapaths (Link 0), or
the DAC1 channelizers/datapaths (Link 1).
0x0
R/W
0
Link 0 samples are tested.
1
Link 1 samples are tested.
6
SHORT_TPL_IQ_
SAMPLE_SEL
Selects which data stream (path) to test for
a complex subchannel of the channelizer, I
or Q. For nonIQ JESD204B modes, select
the I path.
0x0
R/W
0
Select to test the I data stream.
1
Select to test the Q data stream.
[5:1]
RESERVED
Reserved.
0x0
R/W
0
SHORT_TPL_FAIL
Short transport layer test fail. This bit
shows if the selected DAC sample matches
the expected sample for the short
transport layer test. If they match, the test
passes. Otherwise, the test fails.
0x0
R
0
Test pass.
1
Test fail.
0x334
JESD_BIT_INVERSE_
CTRL
[7:0]
JESD_BIT_INVERSE
Logical lane invert. Each bit of this control
inverses the JESD204B deserialized data
from one specific JESD204B receiver PHY.
Set Bit x high to invert the JESD204B
deserialized data on Logical Lane x.
0x0
R/W
0x400
DID_REG
[7:0]
DID_RD
Received ILAS configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0x401
BID_REG
[7:0]
BID_RD
Received ILAS configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0x402
LID0_REG
7
RESERVED
Reserved.
0x0
R
6
ADJDIR_RD
Received ILAS configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
5
PHADJ_RD
Received ILAS configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
[4:0]
LL_LID0
Received ILAS LID configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0x403
SCR_L_REG
7
SCR_RD
Received ILAS configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
0
Scrambling is disabled.
1
Scrambling is enabled.
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
L_RD_1
Received ILAS configuration on Lane 0.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
00000
1 lane per converter device.
00001
2 lanes per converter device.
00010
3 lanes per converter device.
00011
4 lanes per converter device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com