Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 122 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 122 Page - Analog Devices

Back Button AD9174 Datasheet HTML 118Page - Analog Devices AD9174 Datasheet HTML 119Page - Analog Devices AD9174 Datasheet HTML 120Page - Analog Devices AD9174 Datasheet HTML 121Page - Analog Devices AD9174 Datasheet HTML 122Page - Analog Devices AD9174 Datasheet HTML 123Page - Analog Devices AD9174 Datasheet HTML 124Page - Analog Devices AD9174 Datasheet HTML 125Page - Analog Devices AD9174 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 122 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
PHY_TEST_RESET
Resets PHY PRBS test state machine and
error counters.
0x0
R/W
0
Not reset.
1
Reset.
0x317
PHY_PRBS_TEST_
THRESHOLD_
LOBITS
[7:0]
PHY_PRBS_
THRESHOLD_
LOBITS
Bits[7:0] of the 24-bit threshold value to
set the error flag for the PHY PRBS test.
0x0
R/W
0x318
PHY_PRBS_TEST_
THRESHOLD_
MIDBITS
[7:0]
PHY_PRBS_
THRESHOLD_
MIDBITS
Bits[15:8] of the 24-bit threshold value to
set the error flag for the PHY PRBS test.
0x0
R/W
0x319
PHY_PRBS_TEST_
THRESHOLD_HIBITS
[7:0]
PHY_PRBS_
THRESHOLD_
HIBITS
Bits[23:16] of the 24-bit threshold value to
set the error flag for the PHY PRBS test.
0x0
R/W
0x31A
PHY_PRBS_TEST_
ERRCNT_LOBITS
[7:0]
PHY_PRBS_ERR_
CNT_LOBITS
Bits[7:0] of the 24-bit reported PHY BER
error count from the selected lane.
0x0
R
0x31B
PHY_PRBS_TEST_
ERRCNT_MIDBITS
[7:0]
PHY_PRBS_ERR_
CNT_MIDBITS
Bits[15:8] of the 24-bit reported PHY BER
error count from the selected lane.
0x0
R
0x31C
PHY_PRBS_TEST_
ERRCNT_HIBITS
[7:0]
PHY_PRBS_ERR_
CNT_HIBITS
Bits[23:16] of the 24-bit reported PHY BER
error count from the selected lane.
0x0
R
0x31D
PHY_PRBS_TEST_
STATUS
[7:0]
PHY_PRBS_PASS
Reports PHY BER pass/fail for each lane.
Bit x is high when Lane x passes.
0xFF
R
0x31E
PHY_DATA_
SNAPSHOT_CTRL
[7:2]
RESERVED
Reserved.
0x0
R
1
PHY_GRAB_MODE
This bit determines whether to use the
trigger to grab data.
0x0
R/W
0
Grab data when PHY_GRAB_DATA is set.
1
Grab data upon bit error.
0
PHY_GRAB_DATA
Transitioning this bit from 0 to 1 causes
the logic to store current receive data from
one lane.
0x0
R/W
0x31F
PHY_SNAPSHOT_
DATA_BYTE0
[7:0]
PHY_SNAPSHOT_D
ATA_BYTE0
Current data received. Represents
PHY_SNAPSHOT_DATA[7:0].
0x0
R
0x320
PHY_SNAPSHOT_
DATA_BYTE1
[7:0]
PHY_SNAPSHOT_D
ATA_BYTE1
Current data received. Represents
PHY_SNAPSHOT_DATA[15:8].
0x0
R
0x321
PHY_SNAPSHOT_
DATA_BYTE2
[7:0]
PHY_SNAPSHOT_D
ATA_BYTE2
Current data received. Represents
PHY_SNAPSHOT_DATA[23:16].
0x0
R
0x322
PHY_SNAPSHOT_
DATA_BYTE3
[7:0]
PHY_SNAPSHOT_D
ATA_BYTE3
Current data received. Represents
PHY_SNAPSHOT_DATA[31:24].
0x0
R
0x323
PHY_SNAPSHOT_
DATA_BYTE4
[7:0]
PHY_SNAPSHOT_D
ATA_BYTE4
Current data received. Represents
PHY_SNAPSHOT_DATA[39:32].
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com