Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 123 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 123 Page - Analog Devices

Back Button AD9174 Datasheet HTML 119Page - Analog Devices AD9174 Datasheet HTML 120Page - Analog Devices AD9174 Datasheet HTML 121Page - Analog Devices AD9174 Datasheet HTML 122Page - Analog Devices AD9174 Datasheet HTML 123Page - Analog Devices AD9174 Datasheet HTML 124Page - Analog Devices AD9174 Datasheet HTML 125Page - Analog Devices AD9174 Datasheet HTML 126Page - Analog Devices AD9174 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 123 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x32C
SHORT_TPL_TEST_0
[7:4]
SHORT_TPL_SP_
SEL
Short transport layer sample select. Selects
which sample to check from a specific
DAC.
0x0
R/W
0000
Sample 0.
0001
Sample 1.
0010
Sample 2.
0011
Sample 3.
0100
Sample 4.
0101
Sample 5.
0110
Sample 6.
0111
Sample 7.
1000
Sample 8.
1001
Sample 9.
1010
Sample 10.
1011
Sample 11.
1100
Sample 12.
1101
Sample 13.
1110
Sample 14.
1111
Sample 15.
[3:2]
SHORT_TPL_CHAN_
SEL
Short transport layer test channel select.
Selects which subchannel of the DACx
channelizer to test.
0x0
R/W
00
Channel 0.
01
Channel 1.
10
Channel 2.
1
SHORT_TPL_TEST_
RESET
Short transport layer test reset. Resets the
result of short transport layer test.
0x0
R/W
0
Not reset.
1
Reset.
0
SHORT_TPL_TEST_
EN
Short transport layer test enable. Enable
short transport layer test.
0x0
R/W
0
Disable.
1
Enable.
0x32D
SHORT_TPL_TEST_1
[7:0]
SHORT_TPL_REF_
SP_LSB
Short transport layer reference sample,
LSB. This bit field is the lower eight bits of
the expected DAC sample during the short
transport layer test and is used to compare
with the received sample at the JESD204B
receiver output.
0x0
R/W
0x32E
SHORT_TPL_TEST_2
[7:0]
SHORT_TPL_REF_
SP_MSB
Short transport layer test reference
sample, MSB. This bit field is the upper
eight bits of the expected DAC sample
during the short transport layer test and is
used to compare with the received sample
at the JESD204B receiver output.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com