Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 144 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 144 Page - Analog Devices

Back Button AD9174 Datasheet HTML 140Page - Analog Devices AD9174 Datasheet HTML 141Page - Analog Devices AD9174 Datasheet HTML 142Page - Analog Devices AD9174 Datasheet HTML 143Page - Analog Devices AD9174 Datasheet HTML 144Page - Analog Devices AD9174 Datasheet HTML 145Page - Analog Devices AD9174 Datasheet HTML 146Page - Analog Devices AD9174 Datasheet HTML 147Page - Analog Devices AD9174 Datasheet HTML 148Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 144 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x496
ECNT_STAT6
[7:4]
RESERVED
Reserved.
0x0
R
3
LANE_ENA6
This output indicates if Lane 6 is enabled.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
[2:0]
ECNT_TCR6
Terminal count reached indicator of error
counters for Lane 6. This control is paged
by the LINK_PAGE control in Register 0x300.
Set these bits to 1 when the corresponding
counter terminal count value of 0xFF is
reached. If ECNT_TCHx is set, the terminal
count value for the corresponding counter
is held until the counter is reset by the
user; otherwise, the counter rolls over and
continues counting. Counters of each lane
are addressed as follows:
0x0
R
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x497
ECNT_STAT7
[7:4]
RESERVED
Reserved.
0x0
R
3
LANE_ENA7
This output indicates if Lane 7 is enabled.
This control is paged by the LINK_PAGE
control in Register 0x300.
0x0
R
[2:0]
ECNT_TCR7
Terminal count reached indicator of error
counters for Lane 7. This control is paged
by the LINK_PAGE control in Register 0x300.
Set these bits to 1 when the corresponding
counter terminal count value of 0xFF is
reached. If ECNT_TCHx is set, the terminal
count value for the corresponding counter
is held until the counter is reset by the
user; otherwise, the counter rolls over and
continues counting. Counters of each lane
are addressed as follows:
0x0
R
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x4B0
LINK_STATUS0
7
BDE0
Bad disparity errors status for Lane 0. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
6
NIT0
Not in table errors status for Lane 0. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
5
UEK0
Unexpected K character errors status for
Lane 0. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R
0
Error count < ETH[7:0] value.
1
Error count ≥ ETH[7:0] value.
4
ILD0
Interlane deskew status for Lane 0. This
control is paged by the LINK_PAGE control
in Register 0x300.
0x0
R
0
Deskew failed.
1
Deskew achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com