Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices AD9546 Datasheet HTML 33Page - Analog Devices AD9546 Datasheet HTML 34Page - Analog Devices AD9546 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 31 of 205
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS (M0 to
CSB/M6)
Valid for 3.3 V ≥ VDDIOx ≥ 1.8 V; VDDIOA applies to the SDO/M5
pin and the SDA/M6 pin; VDDIOB applies to the M0, M1, M2, M3,
and M4 pins; the M3 and M4 pins have internal 100 kΩ pull-down
resistors
Input Voltage
High, VIH
VDDIOx − 0.4
V
Low, VIL
0.4
V
Input Current, IINH, IINL
±15
±125
µA
LOGIC OUTPUT SPECIFICATIONS (M0 TO CSB/M6 PINS)
Table 34.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (M0 to CSB/M6)
Valid for 3.3 V ≥ VDDIOx ≥ 1.8 V; VDDIOA applies for the
SDO/M5 and CSB/M6 pins; VDDIOB applies for the M0
to M4 pins; normal (default) output drive current
setting for the M0 to CSB/M6 pins
Frequency Range
26
MHz
M4 capable of 125 MHz when configured for analog
loopback (see Table 29)
Output Voltage
High, VOH
VDDIOx − 0.6
V
Load current = 10 mA
VDDIOx – 0.2
V
Load current = 1 mA
Low, VOL
0.6
V
Load current = 10 mA
0.2
V
Load current = 1 mA
Rise/Fall Time
Normal Drive Strength (Default)
5 pF Capacitive Load
VDDIOx = 1.8 V
880
ps
VDDIOx = 2.5 V
740
ps
VDDIOx = 3.3 V
580
ps
10 pF Capacitive Load
VDDIOx = 1.8 V
1210
ps
VDDIOx = 2.5 V
1020
ps
VDDIOx = 3.3 V
900
ps
20 pF Capacitive Load
VDDIOx = 1.8 V
1900
ps
VDDIOx = 2.5 V
1230
ps
VDDIOx = 3.3 V
970
ps
Weak Drive Strength
5 pF Capacitive Load
VDDIOx = 1.8 V
1900
ps
VDDIOx = 2.5 V
1220
ps
VDDIOx = 3.3 V
970
ps
10 pF Capacitive Load
VDDIOx = 1.8 V
2730
ps
VDDIOx = 2.5 V
1810
ps
VDDIOx = 3.3 V
1420
ps
20 pF Capacitive Load
VDDIOx = 1.8 V
4040
ps
VDDIOx = 2.5 V
2890
ps
VDDIOx = 3.3 V
2340
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com