Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9546 Datasheet HTML 20Page - Analog Devices AD9546 Datasheet HTML 21Page - Analog Devices AD9546 Datasheet HTML 22Page - Analog Devices AD9546 Datasheet HTML 23Page - Analog Devices AD9546 Datasheet HTML 24Page - Analog Devices AD9546 Datasheet HTML 25Page - Analog Devices AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 24 of 205
DPLL PROPAGATION DELAY VARIATION
The PLL channels of the AD9546 have an inherent propagation delay (see Table 18) that can be nominally offset using the skew
adjustment feature in the source profiles of the device. Dynamic variations that are proportional to temperature change can be mitigated
with the delay compensation mechanism of the AD9546.
A polynomial with programmable coefficients of temperature (see the Delay Compensation section) determines the response of the delay
compensation circuit. An additive inverse of the polynomial function derives from a best fit algorithm applied to the uncompensated
delay variation measurements. Active delay compensation uses the additive inverse polynomial in an attempt to nullify the delay
variation over temperature. For a second-order polynomial, the measured data without delay compensation in Table 19 is the first-order
representation for the various device configurations. A repeat of the same measurement with the inverse coefficient programmed yields
the slopes of the residual delay in the specifications with delay compensation in Table 19. See Figure 25 and Figure 26 for the related
plots.
The tabulated data with delay compensation in Table 19 reflects an average of several devices that are programmed with the same delay
compensation coefficients. The tabulated residual errors are greater than expected for coefficients that are optimized for an individual
device.
The DPLL propagation delay variation results depend on the device being configured with a 1:1 frequency translation ratio, where fREF =
fOUT = 10 MHz, the reference input configured to 1.2V CMOS, and DPLL configured to zero delay (hitless). A die temperature range of
−40°C to +105°C applies for both the uncompensated and compensated results.
Table 19.
Parameter
Min
Typ
Max
Unit
OUTPUT DRIVER MODE
Differential
CML
Without Delay Compensation
0.517
ps/°C
With Delay Compensation
−0.0155
ps/°C
HCSL
Without Delay Compensation
0.624
ps/°C
With Delay Compensation
−0.0253
ps/°C
Single-Ended
CML
Without Delay Compensation
0.681
ps/°C
With Delay Compensation
0.0208
ps/°C
HCSL
Without Delay Compensation
0.861
ps/°C
With Delay Compensation
0.0288
ps/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com