Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9546 Datasheet HTML 8Page - Analog Devices AD9546 Datasheet HTML 9Page - Analog Devices AD9546 Datasheet HTML 10Page - Analog Devices AD9546 Datasheet HTML 11Page - Analog Devices AD9546 Datasheet HTML 12Page - Analog Devices AD9546 Datasheet HTML 13Page - Analog Devices AD9546 Datasheet HTML 14Page - Analog Devices AD9546 Datasheet HTML 15Page - Analog Devices AD9546 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 12 of 205
REFERENCE TO REFERENCE COUPLING
The reference to reference coupling measurement always involves two reference inputs: a target reference input and an aggressor
reference input. The device configuration comprises a frequency translation from the target reference input to an appropriate
OUTxyP/OUTxyN output pair. The target reference frequency is 10 MHz, whereas the aggressor reference frequency deviates from the
target reference frequency over a range of ±100 ppm in steps of 0.5 ppm. The values shown in Table 7 are the levels of the worst spur
appearing at the OUTxyP/OUTxyN output pair, measured at the appropriate offset frequency relative to the aggressor reference input
frequency. To prevent the DPLL from suppressing the coupling spur, the DPLL loop bandwidth is always twice the aggressor reference
offset frequency.
Table 7.
Parameter
Min
Typ
Max
Unit
TARGET REFERENCE AND INPUT MODE
REFA 1.2 V CMOS
Aggressor Reference and Input Mode
REFAA 1.2 V CMOS
−62
dBc
REFAA 1.8 V CMOS
−59
dBc
REFAA Single-Ended AC-Coupled
−69
dBc
REFA 1.8 V CMOS
Aggressor Reference and Input Mode
REFAA 1.2 V CMOS
−65
dBc
REFAA 1.8 V CMOS
−66
dBc
REFAA Single-Ended AC-Coupled
−67
dBc
REFA Single-Ended AC-Coupled
Aggressor Reference and Input Mode
REFAA 1.2 V CMOS
−60
dBc
REFAA 1.8 V CMOS
−58
dBc
REFAA Single-Ended AC-Coupled
−71
dBc
REFA Differential AC-Coupled
Aggressor Reference and Input Mode
REFB Differential AC-Coupled
−76
dBc
REFB Differential LVDS
−76
dBc
REFBB 1.2 V CMOS
−75
dBc
REFBB 1.8 V CMOS
−74
dBc
REFBB Single-Ended AC-Coupled
−76
dBc
REFA Differential LVDS
Aggressor Reference and Input Mode
REFB Differential AC-Coupled
−76
dBc
REFB Differential LVDS
−76
dBc
REFBB 1.2 V CMOS
−76
dBc
REFBB 1.8 V CMOS
−75
dBc
REFBB Single-Ended AC-Coupled
−68
dBc
REFAA 1.2 V CMOS
Aggressor Reference and Input Mode
REFB Differential AC-Coupled
−76
dBc
REFB Differential LVDS
−75
dBc
REFBB 1.2 V CMOS
−74
dBc
REFBB 1.8 V CMOS
−76
dBc
REFBB Single-Ended AC-Coupled
−76
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com