Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 75 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9546 Datasheet HTML 71Page - Analog Devices AD9546 Datasheet HTML 72Page - Analog Devices AD9546 Datasheet HTML 73Page - Analog Devices AD9546 Datasheet HTML 74Page - Analog Devices AD9546 Datasheet HTML 75Page - Analog Devices AD9546 Datasheet HTML 76Page - Analog Devices AD9546 Datasheet HTML 77Page - Analog Devices AD9546 Datasheet HTML 78Page - Analog Devices AD9546 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 75 of 205
Direct Path
Select the direct path by programming Register 0x0201, Bit 3, to
Logic 0. Refer to Figure 31 for connecting a TCXO or OCXO
with a 3.3 V output to the XOA and XOB pins.
The direct path supports low frequency LVPECL, LVDS, CMOS,
or sinusoidal clock sources as a reference to the system clock PLL.
For a sinusoidal source, however, it is best to use a frequency of
50 MHz or greater. The low slew rate of lower frequency sinusoids
tends to yield nonoptimal noise performance.
The direct path has a differential receiver with a self bias of
0.75 V dc. Generally, the presence of the bias voltage
necessitates the use of ac coupling between the external source
and the XOA and XOB pins. Furthermore, when using a 3.3 V
CMOS oscillator as the system clock PLL reference source, in
addition to ac coupling, it is important to use a voltage divider
to reduce the 3.3 V swing to a maximum of 1.14 V (note that
the optimal voltage swing is 800 mV p-p).
Degraded phase noise performance typically occurs when the
frequency at the input of the PFD of the system clock PLL is
less than 50 MHz. For optimal phase noise performance, use
the quartz crystal resonator path with a crystal resonator
frequency ≥ 50 MHz, the frequency doubler enabled, and the
device configured to use system clock Compensation Method 3
(see the System Clock Compensation section).
PRESCALE DIVIDER
The system clock PLL includes an input prescale divider
programmable for divide ratios of 1 (default), 2, 4, or 8. The
purpose of the divider provides flexible frequency planning for
mitigating potential spurs in the output clock signals of the
AD9546. The user selects the divide ratio via Register 0x0201,
Bits[2:1]. The corresponding divide value is 2J, where J is the
decimal value of the 2-bit number comprising Register 0x0201,
Bits[2:1].
For example, a value of 10 (binary) in Register 0x0201 Bits[2:1],
means J = 2 (decimal), making the divide ratio = 4 (2J = 22 = 4).
FEEDBACK DIVIDER
The output of the system clock PLL constitutes the system clock
frequency, fS. The system clock frequency depends on the value of
the feedback divider (K in Figure 57). The feedback divide ratio has
a range of 4 to 255, which the user programs via Register 0x0200,
Bits[7:0]. The programmed register value is the divide ratio. For
example, a programmed value of 100 (0x64 hexadecimal) yields a
divide ratio of 100.
SYSTEM CLOCK PLL OUTPUT FREQUENCY
Calculate the system clock frequency, fS, as follows:
J
K
=
×
S
OSC
K
ff
J
where:
fOSC is the input frequency.
K is the feedback divide ratio.
J is the input divide ratio. J = ½ when using the 2× frequency
multiplier.
The user must choose fOSC, K, and J such that fS satisfies the
VCO range of 2250 MHz to 2415 MHz.
SYSTEM CLOCK PLL LOCK DETECTOR
The system clock PLL features a simple lock detector that com-
pares the time difference between the reference and feedback
clock edges. The user can check the status of the lock detector
via Register 0x3001, Bit 0, where Logic 1 indicates locked and
Logic 0 indicates unlocked.
SYSTEM CLOCK STABILITY TIMER
Because time processing blocks within the AD9546 depend on
the system clock generating a stable frequency, the system clock
PLL provides an indication of the status. The status of the
system clock PLL is available to the user as well as directly to
certain internal time keeping blocks.
At initial power-up, the system clock status is unknown and
reported as being unstable. However, after the user programs
the system clock registers and the system clock PLL VCO
calibrates, the system clock PLL locks shortly thereafter.
Even though the system clock PLL may indicate a lock status,
the user can introduce an additional holdoff period, in units of
milliseconds (10−3 sec), via an unsigned 20-bit integer in
Bits[19:0] of Register 0x0209 to Register 0x0207
(Register 0x0209, Bit 3 denotes the MSB). There are two special
values: 0 and 1,048,575. A value of 0 causes the system clock to
indicate an unstable status regardless of the actual state of the
system clock (useful for debugging purposes, because the user
can force an unstable status indication even though the PLL is
stable). A value of 1,048,575 is invalid because it makes Register
0x3001, Bit 1 undefined when the system clock PLL is
unlocked.
SYSTEM CLOCK CALIBRATION
The VCO in the system clock PLL requires a calibration
sequence. At power-up, part of the initialization sequence of
the device includes system clock calibration. In general, the
user is not required to calibrate the system clock manually.
However, changing any of the system clock parameters that
result in a new VCO frequency requires a manual system clock
calibration via Register 0x2000, Bit 2, is not an autoclearing bit.
Therefore, the full programming sequence is to write Logic 1,
assert an IO update, write Logic 0, and assert an IO update.
Furthermore, whenever the system clock PLL is in the process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com