Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9546 Datasheet HTML 74Page - Analog Devices AD9546 Datasheet HTML 75Page - Analog Devices AD9546 Datasheet HTML 76Page - Analog Devices AD9546 Datasheet HTML 77Page - Analog Devices AD9546 Datasheet HTML 78Page - Analog Devices AD9546 Datasheet HTML 79Page - Analog Devices AD9546 Datasheet HTML 80Page - Analog Devices AD9546 Datasheet HTML 81Page - Analog Devices AD9546 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 78 of 205
REFERENCE RECEIVERS
REFERENCE RECEIVERS OVERVIEW
The four dedicated reference clock input pins (REFA, REFAA,
REFB, and REFBB) support up to four reference clock signals.
Two of the four pins designate the A reference input path, and
the other two pins designate the B reference input path. Both
the A and B reference inputs are configurable as either one
differential input or as two single-ended inputs. Each A and B
reference input path has a dedicated REFx input mode bit
(where x is A or B) for selecting single-ended or differential
modes in Bit 0 of Register 0x0300 for REFA and
Register 0x0304 for REFB. Logic 0 (default) selects single-ended
mode, and Logic 1 selects differential mode. To accommodate
input signals with slow rising and falling edges, both the
differential and single-ended input receivers employ hysteresis.
Hysteresis also ensures that a disconnected or floating input
does not cause the receiver to oscillate.
The input receivers of the auxiliary references (accessible via
appropriately configured Mx control pins) are not configurable.
Instead, they have dc-coupled, single-ended, 1.8 V CMOS
receivers.
SINGLE-ENDED MODE
When configured for single-ended operation, the input receivers
accommodate either ac- or dc-coupled input signals via
Bits[7:4] of Register 0x0300 and Register 0x0304 per Table 47.
Bits[7:4] are only effective when single-ended mode is in effect
per Bit 0 of Register 0x0300 and/or Register 0x0304.
The ac-coupled mode has an internal bias termination equivalent
to a 0.6 V dc source with a 23.5 kΩ series resistance. The
dc-coupled modes have a 47 kΩ resistor connected to ground.
The internal pull-up mode has a 47 kΩ resistor connected to
1.2 V.
Single-Ended DC-Coupled Interface (1.2 V or 1.8 V CMOS)
Refer to Figure 32 for connecting a 1.2 V or 1.8 V CMOS driver to
a reference input. Be sure to select the corresponding dc-coupled
1.2 V or 1.8 V CMOS mode per Table 47.
Single-Ended DC-Coupled Internal Pull-Up Resistor
Refer to Figure 34 for connecting an open-collector or open-drain
driver to a reference input. Be sure to select the internal pull-up
mode per Table 47, which provides an internal pull-up resistor
(~47 kΩ) to 1.2 V.
Single-Ended AC-Coupled Interface
Refer to Figure 33 to ac couple a driver to a reference input. Be
sure to select the ac-coupled interface mode per Table 47,
which provides the appropriate internal bias network.
Table 47. Single-Ended Mode Bit Field Settings
Register
Bits[7:4]1
Reference
Description
0x0300
XX00
REFA
AC-coupled 1.2 V interface (default)
XX01
REFA
DC-coupled 1.2 V CMOS
XX10
REFA
DC-coupled 1.8 V CMOS
XX11
REFA
Internal pull-up resistor (disable pull-down resistor)
00XX
REFAA
AC-coupled 1.2 V interface (default)
01XX
REFAA
DC-coupled 1.2 V CMOS
10XX
REFAA
DC-coupled 1.8 V CMOS
11XX
REFAA
Internal pull-up resistor (disable pull-down resistor)
0x0304
XX00
REFB
AC-coupled 1.2 V interface (default)
XX01
REFB
DC-coupled 1.2 V CMOS
XX10
REFB
DC-coupled 1.8 V CMOS
XX11
REFB
Internal pull-up resistor (disable pull-down resistor)
00XX
REFBB
AC-coupled 1.2 V interface (default)
01XX
REFBB
DC-coupled 1.2 V CMOS
10XX
REFBB
DC-coupled 1.8 V CMOS
11XX
REFBB
Internal pull-up resistor (disable pull-down resistor)
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com