Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 93 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9546 Datasheet HTML 89Page - Analog Devices AD9546 Datasheet HTML 90Page - Analog Devices AD9546 Datasheet HTML 91Page - Analog Devices AD9546 Datasheet HTML 92Page - Analog Devices AD9546 Datasheet HTML 93Page - Analog Devices AD9546 Datasheet HTML 94Page - Analog Devices AD9546 Datasheet HTML 95Page - Analog Devices AD9546 Datasheet HTML 96Page - Analog Devices AD9546 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 93 of 205
OUTPUT DRIVER RESET
Because driver pairs (OUT0AP and OUT0AN, for example) are
configurable as differential or single-ended, when the Q dividers
associated with a driver pair stop toggling (due to a divider
reset, for example), the output state of the driver pair is unknown.
To remedy this uncertainty, the user can force a driver pair to a
known state by means of the various driver reset bits.
Bit 2 of Register 0x2101 allows the user to reset all the driver
pairs of Channel 0. Bit 2 of Register 0x2201 allows the user to
reset all the driver pairs of Channel 1. The user can reset individual
output driver pairs via Bit 5 per the appropriate register
addresses in Table 60.
Table 60. Output Driver Reset Register Address
Output
Register Address
OUT0AP/OUT0AN
0x2102
OUT0BP/OUT0BN
0x2103
OUT0CP/OUT0CN
0x2104
OUT1AP/OUT1AN
0x2202
OUT1BP/OUT1BN
0x2203
When a driver pair is in a differential configuration, resetting
the driver pair forces the OUTxyP driver to a Logic 0 state and
the OUTxyN driver to a Logic 1 state. When a driver pair is in a
single-ended configuration, resetting the driver pair forces the
OUTxyP and OUTxyN drivers to a Logic 0 state.
OUTPUT MUTING
Manual Output Muting
To mute all the drivers associated with PLL0 or PLL1, use Bit 1
in Register 0x2101 and Register 0x2201 for PLL0 and PLL1,
respectively. To mute individual drivers, use Bits[3:2] per the
appropriate register addresses in Table 60, where Bit 3
corresponds to the OUTxyN driver and Bit 2 corresponds to
the OUTxyP driver.
Automatic Output Unmuting
Automatic unmuting works in conjunction with the
autosynchronization function (see the Autosynchronization
Trigger section). Part of the synchronization sequence involves
synchronously unmuting the output drivers. The AD9546
provides the user options for the timing of the unmuting of the
output drivers.
To select the automatic unmute conditions, use Bits[1:0]
of Register 0x10DC for PLL0 and Register 0x14DC for PLL1.
Table 61 shows the automatic unmute conditions invoked by
these bits. The automatic unmute control applies to PLL0 and
PLL1 independently.
Table 61. Autotmatic Unmute Conditions
Bits[1:0]
(Decimal)
Automatic Unmute Condition
0
Immediate (default)
1
Upon activation of a hitless profile
2
Upon phase lock (hitless mode only)
3
Upon frequency lock (hitless mode only)
When Bits[1:0] = 0 (decimal), the drivers unmute immediately
upon release of the synchronization request. When Bits[1:0] = 1
(decimal), the drivers do not unmute until release of the
synchronization request and subsequent activation of a hitless/zero
delay profile. When Bits[1:0] = 2 (decimal), the drivers do not
unmute until release of the synchronization request and
subsequent phase lock of the appropriate PLL channel (assu-
ming a hitless/zero delay profile). When Bits[1:0] = 3 (decimal),
the drivers do not unmute until release of the synchronization
request and subsequent frequency lock of the appropriate PLL
channel (assuming a hitless/zero delay profile).
The user can also selectively opt out of the automatic unmuting
feature on a per output basis. For PLL0, use Bits[7:2] of
Register 0x10DC, where Bits[7:2] correspond to the driver
associated with OUT0CN, OUT0CP, OUT0BN, OUT0BP,
OUT0AN, and OUT0AP, respectively. For PLL1, use Bits[5:2]
of Register 0x14DC where Bits[5:2] correspond to the driver
associated with OUT1BN, OUT1BP, OUT1AN, and OUT1AP,
respectively.
After an automatic mute event occurs for a particular PLL
channel, the user can clear the automatic mute state by setting
Bit 4 of Register 0x2107 for PLL0 and Register 0x2207 for PLL1.
However, this action is generally unnecessary, because the
device automatically clears the automatic mute state whenever
the user changes the state of an automatic unmute bit and issues
an IO update operation.
Output Mute Retiming
If the driver output mutes immediately upon receiving a mute
command, it may result in the output signal shutting off before
the normal falling edge of the associated Q divider output.
Early shutoff of the output signal produces a runt pulse (that is,
the normal Logic 1 period of the Q divider is cut short).
By default, the AD9546 uses a retiming block to prevent the
generation of a runt pulse. However, the user can bypass the
retiming block via Bit 5 per the appropriate register addresses
in Table 57. Bypassing the retiming block causes the output
driver to mute immediately upon receiving a mute command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com