Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices AD9546 Datasheet HTML 33Page - Analog Devices AD9546 Datasheet HTML 34Page - Analog Devices AD9546 Datasheet HTML 35Page - Analog Devices AD9546 Datasheet HTML 36Page - Analog Devices AD9546 Datasheet HTML 37Page - Analog Devices AD9546 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 34 of 205
JITTER GENERATION (RANDOM JITTER)
System clock frequency doubler enabled. DPLL configured with the high phase margin loop filter. The integration bandwidth for rms
jitter values is 12 kHz to 20 MHz. The effect on jitter values due to using different output driver modes is insignificant.
Device Configuration 1:
fOSC = 52 MHz crystal, fREF = 38.88 MHz, fOUT = 155.52 MHz, DPLL bandwidth (BWDPLL) = 50 Hz, phase buildout operation;
Channel 0: fVCO = 2488.32 MHz; Channel 1: VCO frequency (fVCO) = 3265.92 MHz, Q divider half divide enabled
Device Configuration 2:
fOSC = 52 MHz crystal, fREF = 30.72 MHz, fOUT = 245.76 MHz, BWDPLL = 50 Hz, internal zero delay operation;
Channel 0: fVCO = 2457.6 MHz; Channel 1: fVCO = 3686.4 MHz, Q divider half divide enabled
Device Configuration 3:
fOSC = 52 MHz crystal, fCOMP = 19.2 MHz temperature compensated crystal oscillator (TCXO), loop bandwidth of the auxiliary DPLL
servo loop (BWCOMP) = 50 Hz (see the Auxiliary DPLL Loop Bandwidth section for more details), fREF = 1 Hz, fOUT = 491.52 MHz,
BWDPLL = 0.05 Hz, phase buildout operation; Channel 0: fVCO = 2949.12 MHz; Channel 1: fVCO = 3932.16 MHz
Device Configuration 4:
fOSC = 52 MHz crystal, fCOMP = 19.2 MHz TCXO, BWCOMP = 50 Hz, fREF = 125 MHz, fOUT = 125 MHz, BWDPLL = 0.1 Hz, phase buildout
operation; Channel 0: fVCO = 2500 MHz; Channel 1: fVCO = 3250 MHz
Device Configuration 5:
fOSC = 52 MHz crystal, fREF = 25 MHz, fOUT = 312.5 MHz, BWDPLL = 50 Hz , phase buildout operation; Channel 0: fVCO = 2500 MHz;
Channel 1: fVCO = 3750 MHz
Device Configuration 6:
fOSC = 52 MHz crystal, fREF = 155.52 MHz, MHz, fOUT = (155.52 × 255/227) MHz, BWDPLL = 50 Hz; Channel 0: fVCO = 2620.5463 MHz;
Channel 1: fVCO = 3319.3586 MHz
Table 37.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
Channel 0—DPLL0, APLL0
Channel 1 powered down
fOUT = 155.52 MHz
223
fs
Device Configuration 1
fOUT = 245.76 MHz
220
fs
Device Configuration 2
fOUT = 491.52 MHz
235
fs
Device Configuration 3
fOUT = 125.0 MHz
213
fs
Device Configuration 4
fOUT = 312.5 MHz
217
fs
Device Configuration 5
fOUT = 174.7030837 MHz
230
fs
Device Configuration 6
Channel 1—DPLL1, APLL1
Channel 0 powered down
fOUT = 155.52 MHz
247
fs
Device Configuration 1
fOUT = 245.76 MHz
280
fs
Device Configuration 2
fOUT = 491.52 MHz
323
fs
Device Configuration 3
fOUT = 125.0 MHz
243
fs
Device Configuration 4
fOUT = 312.5 MHz
266
fs
Device Configuration 5
fOUT = 174.7030837 MHz
264
fs
Device Configuration 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com