Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9546 Datasheet HTML 64Page - Analog Devices AD9546 Datasheet HTML 65Page - Analog Devices AD9546 Datasheet HTML 66Page - Analog Devices AD9546 Datasheet HTML 67Page - Analog Devices AD9546 Datasheet HTML 68Page - Analog Devices AD9546 Datasheet HTML 69Page - Analog Devices AD9546 Datasheet HTML 70Page - Analog Devices AD9546 Datasheet HTML 71Page - Analog Devices AD9546 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 68 of 205
FIFO Count
The FIFO provides sample count information via the 7-bit
FIFO status count bit field in Bits[6:0] of Register 0x0E2D.
During normal operation (that is, overfill = 0), the FIFO status
count bit field value indicates the number of time code samples
currently in the FIFO. The user has access to the not empty
status of the FIFO (that is, when the value of Bits[6:0] of
Register 0x0E2D is greater than zero) via an appropriately
configured Mx status pin. However, when FIFO overfill = 1, the
FIFO status count bit field value indicates the number of lost
time code samples. That is, the meaning of the value in the
FIFO status count bit field changes based on the status of the
FIFO overfill bit.
A transition of the FIFO status count bit field from a value of
zero to a nonzero value is an indication that the FIFO is not
empty. That is, the FIFO was empty (FIFO status count = 0) but
now the FIFO has one (or more) time code samples (FIFO
status count ≠ 0) available for reading by the user. The zero to
nonzero transition appears as a status flag as part of the IRQ
mechanism (see the Interrupt Request (IRQ) section) via Bit 5
of Register 0x301C. The not empty status of the FIFO is also
available via an appropriately configured Mx status pin (see the
Status and Control Pins section).
The Mx pin status indication of FIFO not empty remains
asserted until the FIFO becomes empty (FIFO status count = 0).
Reading Back FIFO Data
The FIFO captures time code samples (up to 18) and status
information associated with those time code samples from all
the enabled UTS channels. Because each FIFO sample consists
of a time code and status information, reading time code
samples from the FIFO requires a sequence of operations.
When the FIFO receives a new UTS sample, it flags an IRQ via
Bit 6 of Register 0x301C.
First, the user asserts an IO update (Bit 0 in Register 0x000F),
which latches the FIFO overfill and FIFO count status bits into
the register map. If the user reads the previous time code from
the register map prior to asserting an IO update, the FIFO shifts
the contents and the next available FIFO sample overwrites the
previous contents in the register map upon an IO update
assertion. The FIFO does not shift the contents unless the user
had previously read the time code from the register map prior
to the assertion of an IO update. Thus, the user is free to read
the current FIFO time code multiple times as long as the user
does not assert an IO update.
Next, the user reads the FIFO status. If the FIFO count is zero,
the FIFO is empty and there is no need to continue. If the FIFO
count is nonzero and the FIFO overfill bit is Logic 0, the time
code value in the register map is ready for reading. However, if
the FIFO overfill bit is Logic 1, the FIFO is in an overflow
condition and time code samples have been lost. In an overflow
condition, the FIFO count value indicates how many samples
were lost. The FIFO count value has a limit of 127. Therefore,
there is no way to determine if more than 127 samples were
lost. Upon reaching an overflow condition, the FIFO does not
accept new time code samples. However, the contents remaining
in the FIFO are valid but may be too old to be useful.
Finally, assuming the FIFO status is not empty and not in an
overflow condition, the user may read the time code as well as
the source code and encoded status bits associated with the
current FIFO sample. The user can read the existing time code
and status information repeatedly, provided the IO update
remains unasserted. Assertion of an IO update overwrites the
register map contents but only if the user reads the time code in
the register map prior to asserting an IO update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com