Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9546 Datasheet HTML 62Page - Analog Devices AD9546 Datasheet HTML 63Page - Analog Devices AD9546 Datasheet HTML 64Page - Analog Devices AD9546 Datasheet HTML 65Page - Analog Devices AD9546 Datasheet HTML 66Page - Analog Devices AD9546 Datasheet HTML 67Page - Analog Devices AD9546 Datasheet HTML 68Page - Analog Devices AD9546 Datasheet HTML 69Page - Analog Devices AD9546 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 66 of 205
UTS CHANNEL TIME STAMP SOURCE
Each UTS channel has independent access to the various time
stamp sources within the AD9546. The user assigns a specific
time stamp source via Bits[4:0] of Register 0x0E01, or more
generally, for UTS x (where x = 0 to 8, integer), add x × 0x0005
to the register addresses given for UTS 0.
The decimal value of the five source bits relates to the time
stamp source per Table 42.
Table 42. Time Stamp Source Assignment Codes
Source Bit Field Value (Decimal)
Time Stamp Source
0
REFA (default)
1
REFAA
2
REFB
3
REFBB
4
DPLL0 feedback
5
DPLL1 feedback
6
Auxiliary REF0
7
Auxiliary REF1
8
Auxiliary NCO 0
9
Auxiliary NCO 1
10
Reserved
11
Auxiliary REF2
12
Auxiliary REF3
13
IUTS 0
14
IUTS 1
15 to 31
Reserved
The recommendation is to use the same time stamp source
while a UTS channel remains enabled. However, the user can
enable a UTS channel and assign a time stamp source
simultaneously with no negative implications.
UTS CHANNEL TIME OFFSET
The user has the option of having a UTS channel apply a time
offset to time stamps processed by the channel, with the time
offset being relative to the common time scale in units of
2−48 sec. Time offset is via Bits[23:0] (signed) in Register 0x0E02
to Register 0x0E04 for UTS 0, or more generally, for UTS x
(where x = 0 to 8, integer), add x × 0x0005 to the register
addresses given for UTS 0.
For example, to program a time offset of −25 ns (−25 × 10−9 sec),
first convert to the appropriate units and round the result to the
nearest integer as follows:
−25 × 10−9 × 248 = −7,036,874
This value in 24-bit hexadecimal format is: 0x 94 A036.
UTS CHANNEL TAG
The user can have a UTS channel selectively process only
tagged time stamps (see the Tagged Time Stamps section) from
the specified time stamp source (rather than every time stamp
from that source). Tagged time stamp selection is via Bit 5 in
Register 0x0E01 for UTS 0, or more generally, for UTS x (where
x = 0 to 8, integer), add x × 0x0005 to the register addresses
given for UTS 0. Logic 1 selects tagged time stamp processing,
whereas Logic 0 (default) causes the UTS channel to process all
time stamps from the specified time stamp source.
UTS CHANNEL TIME FORMAT
The user can select the output time format of each UTS channel
independently via a format bit. Format selection is via Bit 1 in
Register 0x0E00 for UTS 0, or more generally, for UTS x (where
x = 0 to 8, integer), add x × 0x0005 to the register address given
for UTS 0. Logic 0 (default) selects fractional seconds format,
and Logic 1 selects PTP format.
See the Synchronization Time subsection of the Common
Clock Synchronizer (CCS) section for details on fractional
seconds format and PTP format.
UTS CHANNEL STATUS FLAG ASSIGNMENT
Whenever a UTS channel converts an input time stamp to a
time code and delivers it to the FIFO, the UTS channel also
includes a 3-bit status value as part of the time code.
The 3-bit status value is an encoding of the following five
available status conditions:
•
Invalid (common clock reference invalid)
•
Fault (common clock reference fault)
•
Unlocked (common clock DPLL unlocked)
•
Tag (state of the tag bit associated with the UTS channel
that processed the time stamp)
•
Format (state of the format bit associated with the UTS
channel that processed the time stamp)
The user can choose one of seven predefined 3-bit encoded
status patterns (see Table 43). The selection is via the 3-bit flags
bit field in Bits[4:2] of Register 0x0E00 for UTS 0, or more
generally, for UTS x (where x = 0 to 8, integer), add x × 0x0005
to the register address given for UTS 0.
Each bit of the flags bit field encodes to a unique status bit (or
logical combination of status bits). That is, each bit of the 3-bit
flags bit field encodes to a specific status bit pattern based on
the value of the 3-bit flags bit field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com