Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9546 Datasheet HTML 72Page - Analog Devices AD9546 Datasheet HTML 73Page - Analog Devices AD9546 Datasheet HTML 74Page - Analog Devices AD9546 Datasheet HTML 75Page - Analog Devices AD9546 Datasheet HTML 76Page - Analog Devices AD9546 Datasheet HTML 77Page - Analog Devices AD9546 Datasheet HTML 78Page - Analog Devices AD9546 Datasheet HTML 79Page - Analog Devices AD9546 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 76 of 205
of calibrating, status Bit 2 of Register 0x3001 indicates busy
(Logic 1).
Bit 1 of Register 0x2000 provides an alternate means to
calibrate the system clock PLL (this bit also calibrates APLL0
and APLL1).
Although the AD9546 has a variety of power-down modes,
including a specific system clock power-down, it is not
necessary to calibrate the system clock when recovering from
any of the power-down modes. However, recovering from a
power-down of the system clock necessitates calibration of the
APLLs due to the loss of the system clock during its power-down.
SYSTEM CLOCK STABILITY COMPENSATION
An application requiring low DPLL loop bandwidth
necessitates the use of a very stable system clock source. Using a
relatively unstable system clock source like a crystal resonator
or crystal oscillator, for example, in conjunction with the DPLL
having a very narrow loop bandwidth (less than approximately
50 Hz) may cause the DPLL to unlock or experience
intermittent unlock events. The typical solution requires the
use of a very stable system clock source (an OCXO, for
example). An alternate solution uses the integrated system
clock compensation of the AD9546, which enables the use of a
crystal resonator as the system clock source. The basic concept
is the connection of a crystal resonator (25 MHz to 80 MHz) to
the XOA and XOB pins per Figure 30, which capitalizes on the
exceptional phase noise performance of the crystal.
However, the crystal resonator lacks the desired stability. Instead,
the stability arises via the connection of a highly stable source
(for example, TCXO, OCXO, or GPS) to an unused REFx or
Mx input. The stable source then serves as the reference
frequency to the system clock compensation feature of the
device (see the System Clock Compensation section). The
system clock compensation feature allows the device to benefit
from both the stability of the highly stable source and the
exceptional phase noise performance of the crystal resonator.
Thus, the system clock compensation feature provides a
mechanism to employ a low loop bandwidth DPLL (as required
by the application) even though the system clock source is a
relatively unstable crystal resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com