Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9546 Datasheet HTML 24Page - Analog Devices AD9546 Datasheet HTML 25Page - Analog Devices AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 28 of 205
INVERSE USER TIME STAMPERS (IUTS) SPECIFICATIONS
Table 28.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.001
2
200
kHz
IUTS frequency transport range for digitized clocking
PERIOD MONITOR THRESHOLD
±1.56
%
±2−6 relative to the average period IUTS transport
frequency
THROUGHPUT RATE
Data transfer involves a 14-byte block write to the IUTS
control registers followed by assertion of an IO update;
the indicated rate is the maximum continuous IUTS
traffic possible without causing IUTS invalidation; SPI
utilization other than for IUTS operation reduces
throughput
SCLK = 50 MHz
64
kSPS
20% SPI utilization allocation for IUTS operations
SCLK = 25 MHz
16
kSPS
10% SPI utilization allocation for IUTS operations
TIME OFFSET
Range
−29.8
+29.8
ns
Signed 24-bit range scaled by 2−48 sec
Resolution
3.55
fs
2−48 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com