Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 80 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9546 Datasheet HTML 76Page - Analog Devices AD9546 Datasheet HTML 77Page - Analog Devices AD9546 Datasheet HTML 78Page - Analog Devices AD9546 Datasheet HTML 79Page - Analog Devices AD9546 Datasheet HTML 80Page - Analog Devices AD9546 Datasheet HTML 81Page - Analog Devices AD9546 Datasheet HTML 82Page - Analog Devices AD9546 Datasheet HTML 83Page - Analog Devices AD9546 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 80 of 205
REFERENCE DIVIDERS (R DIVIDERS)
Each reference input has a dedicated divider, Rx (where x
differentiates between the eight reference inputs: A, AA, B, BB,
or auxiliary REF0 to auxiliary REF3). The primary purpose of
the Rx dividers is to reduce the input reference frequency
(assuming it is greater than 200 kHz) to a value between 1 Hz
and 200 kHz to satisfy the input frequency bounds of the TDC.
The user programs Rx via the 30-bit unsigned bit fields per
Table 49. The divide ratio of Rx depends on the value, R, the user
programs in the bit fields. The user must program the bit field
with a value one less than the desired divide ratio. Thus, the Rx
dividers provide divide ratios from 1 to 1,073,741,824.
For example, for an input reference frequency of 125 MHz and
the desired Rx output frequency of 125 kHz, a divide ratio of
1000 is required. Thus, the required bit field value is 999
(0x000003E7 hexadecimal).
Table 49. Reference Divider Address Ranges
Rx Reference
Register Address Range
REFA
0x0400 to 0x0403
REFAA
0x0420 to 0x0423
REFB
0x0440 to 0x0443
REFBB
0x0460 to 0x0463
Auxiliary REF0
0x0480 to 0x0483
Auxiliary REF1
0x04A0 to 0x04A3
Auxiliary REF2
0x04C0 to 0x04C3
Auxiliary REF3
0x04E0 to 0x04E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com