Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 45 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9546 Datasheet HTML 41Page - Analog Devices AD9546 Datasheet HTML 42Page - Analog Devices AD9546 Datasheet HTML 43Page - Analog Devices AD9546 Datasheet HTML 44Page - Analog Devices AD9546 Datasheet HTML 45Page - Analog Devices AD9546 Datasheet HTML 46Page - Analog Devices AD9546 Datasheet HTML 47Page - Analog Devices AD9546 Datasheet HTML 48Page - Analog Devices AD9546 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 45 of 205
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1
10
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
CML, DIFFERENTIAL, 15mA
CML, DIFFERENTIAL, 12.5mA
CML, DIFFERENTIAL, 7.5mA
HCSL, DIFFERENTIAL, 15mA
HCSL, DIFFERENTIAL, 12.5mA
HCSL, DIFFERENTIAL, 7.5mA
Figure 21. Differential Peak-to-Peak Voltage Swing vs. Frequency;
HCSL Drivers Terminated 50 Ω to Ground per Figure 39;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
TIME (ns)
–50
–40
40
–30
30
–20
20
–10
10
0
50
CLOAD = 5pF
CLOAD = 10pF
CLOAD = 20pF
Figure 22. Mx Pin Waveforms for Various Load Conditions; Normal Output
Drive Strength (Default); VDDIOx = 1.8 V
–30
–25
–20
–15
–10
–5
0
5
0.001
0.01
0.1
1
OFFSET FREQUENCY (Hz)
10
100
1000
BW = 0.01Hz
BW = 0.1Hz
BW = 1Hz
BW = 10Hz
BW = 100Hz
PHASE MARGIN:70°
PEAKING: 1.07dB
ATTENUATION:
AT LOOP BW: 2.5dB
2× LOOP BW: 21dB/
DECADE
100× LOOP BW: 60dB/
DECADE
Figure 23. DPLL Closed-Loop Transfer Function Nominal Phase Margin
Loop Filter Setting
–30
–25
–20
–15
–10
–5
0
5
0.001
0.01
0.1
1
10
100
1k
OFFSET FREQUENCY (Hz)
BW = 0.01Hz
BW = 0.1Hz
BW = 1Hz
BW = 10Hz
BW = 100Hz
PHASE MARGIN: 88.5°
PEAKING: <0.1dB
ATTENUATION:
AT LOOP BW: 5.5dB
2× LOOP BW: 18dB/DECADE
100× LOOP BW: 41dB/DECADE
1000× LOOP BW: 60dB/DECADE
Figure 24. DPLL Closed-Loop Transfer Function High Phase Margin Loop
Filter Setting
150
–75
–25
50
100
125
25
–50
0
75
–50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80
100
90
110
AD9546 DIE TEMPERATURE (°C)
DIFFERENTIAL CML OUTPUTS- UNCOMPENSATED
SINGLE- ENDED CML OUTPUTS- UNCOMPENSATED
DIFFERENTIAL CML OUTPUTS- COMPENSATED
SINGLE- ENDED CML OUTPUTS- COMPENSATED
Figure 25. Propagation Delay Variation vs. AD9546 Die Temperature; CML
Output Mode; 1.2 V CMOS Reference Input Mode; fSYS = 2392 MHz; Internal
Zero Delay (Hitless) Mode
150
–75
–25
50
100
125
25
–50
0
75
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80
100
90
110
AD9546 DIE TEMPERATURE (°C)
DIFFERENTIAL CML OUTPUTS- UNCOMPENSATED
SINGLE- ENDED CML OUTPUTS- UNCOMPENSATED
DIFFERENTIAL CML OUTPUTS- COMPENSATED
SINGLE- ENDED CML OUTPUTS- COMPENSATED
Figure 26. Propagation Delay Variation vs. AD9546 Die Temperature; HCSL
Output Mode; 1.2 V CMOS Reference Input Mode; fSYS = 2392 MHz; Internal
Zero Delay (Hitless) Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com