Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices AD9546 Datasheet HTML 33Page - Analog Devices AD9546 Datasheet HTML 34Page - Analog Devices AD9546 Datasheet HTML 35Page - Analog Devices AD9546 Datasheet HTML 36Page - Analog Devices AD9546 Datasheet HTML 37Page - Analog Devices AD9546 Datasheet HTML 38Page - Analog Devices AD9546 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 35 of 205
PHASE NOISE
System clock frequency doubler enabled. DPLL configured with the high phase margin loop filter.
Device Configuration 1:
fOSC = 52 MHz crystal, fREF = 38.88 MHz, fOUT = 155.52 MHz, BWDPLL = 50 Hz, phase buildout operation; Channel 0: fVCO = 2488.32 MHz;
Channel 1: VCO frequency (fVCO) = 3265.92 MHz, Q divider half divide enabled
Device Configuration 2:
fOSC = 52 MHz crystal, fREF = 30.72 MHz, fOUT = 245.76 MHz, BWDPLL = 50 Hz, internal zero delay operation; Channel 0: fVCO =
2457.6 MHz; Channel 1: fVCO = 3686.4 MHz, Q divider half divide enabled
Device Configuration 3:
fOSC = 52 MHz crystal, fCOMP = 19.2 MHz TCXO, BWCOMP = 50 Hz (see the Auxiliary DPLL Loop Bandwidth section for more details),
fREF = 1 Hz, fOUT = 491.52 MHz, BWDPLL = 0.05 Hz, phase buildout operation; Channel 0: fVCO = 2949.12 MHz; Channel 1: fVCO = 3932.16 MHz
Device Configuration 4:
fOSC = 52 MHz crystal, fCOMP = 19.2 MHz TCXO, BWCOMP = 50 Hz, fREF = 125 MHz, fOUT = 125 MHz, BWDPLL = 0.1 Hz, phase buildout
operation; Channel 0: fVCO = 2500 MHz; Channel 1: fVCO = 3250 MHz
Device Configuration 5:
fOSC = 52 MHz crystal, fREF = 25 MHz, fOUT = 312.5 MHz, BWDPLL = 50 Hz , phase buildout operation; Channel 0: fVCO = 2500 MHz;
Channel 1: fVCO = 3750 MHz
Device Configuration 6:
fOSC = 52 MHz crystal, fREF = 155.52 MHz, MHz, fOUT = (155.52 × 255/227) MHz, BWDPLL = 50 Hz; Channel 0: fVCO = 2620.5463 MHz;
Channel 1: fVCO = 3319.3586 MHz
Table 38.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE NOISE
Channel 0—DPLL0, APLL0
Channel 1 powered down
fOUT = 155.52 MHz
Device Configuration 1
10 Hz Offset
−81
dBc/Hz
100 Hz Offset
−98
dBc/Hz
1 kHz Offset
−118
dBc/Hz
10 kHz Offset
−128
dBc/Hz
100 kHz Offset
−134
dBc/Hz
1 MHz Offset
−144
dBc/Hz
10 MHz Offset
−158
dBc/Hz
Floor
−161
dBc/Hz
fOUT = 245.76 MHz
Device Configuration 2
10 Hz Offset
−77
dBc/Hz
100 Hz Offset
−93
dBc/Hz
1 kHz Offset
−114
dBc/Hz
10 kHz Offset
−125
dBc/Hz
100 kHz Offset
−130
dBc/Hz
1 MHz Offset
−140
dBc/Hz
10 MHz Offset
−156
dBc/Hz
Floor
−161
dBc/Hz
fOUT = 491.52 MHz
Device Configuration 3
10 Hz Offset
−74
dBc/Hz
100 Hz Offset
−89
dBc/Hz
1 kHz Offset
−108
dBc/Hz
10 kHz Offset
−119
dBc/Hz
100 kHz Offset
−123
dBc/Hz
1 MHz Offset
−134
dBc/Hz
10 MHz offset
−152
dBc/Hz
Floor
−159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com