Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9546 Datasheet HTML 91Page - Analog Devices AD9546 Datasheet HTML 92Page - Analog Devices AD9546 Datasheet HTML 93Page - Analog Devices AD9546 Datasheet HTML 94Page - Analog Devices AD9546 Datasheet HTML 95Page - Analog Devices AD9546 Datasheet HTML 96Page - Analog Devices AD9546 Datasheet HTML 97Page - Analog Devices AD9546 Datasheet HTML 98Page - Analog Devices AD9546 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 95 of 205
Q DIVIDER CLOCK SOURCE SELECTION
Each pair of Q dividers shares a common clock input (see
Figure 67) that originate from one of two sources.
•
From the output of the associated APLL channel of the
Q divider.
•
From the output of the system clock PLL VCO
(~2.3 GHz).
The first source is the normal (default) operating mode, which
provides frequency translation from a reference input to the
distribution output via the corresponding PLL channel. The
second source is the output frequency of the system clock PLL,
which is useful for clocking certain peripheral devices (a
microprocessor, for example). In this scenario, the user can
employ an optional external electronically erasable programmable
read only memory (EEPROM) to download a device
configuration that provides an output clock signal at power up
via the system clock source path (see the EEPROM Usage
section).
Table 62 shows the register address and bits associated with
selecting the clock source for the Q dividers. Logic 0 (default)
selects the output of the corresponding APLL as the Q divider
clock source, whereas Logic 1 selects the output of the system
clock PLL as the Q divider clock source.
Table 62. Q Divider Clock Source Selection
Q Divider
Register Address
Bit
Q0A and Q0AA
0x10DA
D1
Q0B and Q0BB
0x10DA
D2
Q0C and Q0CC
0x10DA
D3
Q1A and Q1AA
0x14DA
D1
Q1B and Q1BB
0x14DA
D2
When the AD9546 is configured with the system clock as the
clock source for a Q divider pair, use Bit 0 (system clock
synchronization mask) of Register 0x10DA and Register 0x14DA
to prevent those particular dividers from being resynchronized
every time a synchronization trigger occurs (see the Distribution
Output Clock Synchronization section). When this bit is set,
any Q divider associated with a specific PLL channel and with
the system clock as the clock source is immune to synchronization
events. This feature is particularly useful for outputs that serve
as the clock source to a microprocessor, for example, because
an unmasked synchronization event disrupts the clock signal of
the processor.
In some applications, when more than one Q divider pair uses
the system clock as its clock source, it may be desirable to
synchronize at least two of those Q divider pairs using the
system clock synchronization mask bit of Register 0x10DA and
Register 0x14DA. To do so, initiate a synchronization sequence
(see the Distribution Output Clock Synchronization section),
then program the corresponding mask system clock
synchronization bit to Logic 1. To reconfigure the affected Q
dividers by changing the divide ratio, for example, the user
must first program the corresponding system clock
synchronization mask bit to Logic 0.
INTEGER DIVISION
The Q divider divide ratio (Q) depends on a 32-bit unsigned
integer in the register ranges shown in Table 63. To program
the divide ratio, write the value of Q into the corresponding
address range and then set the IO update bit.
The range of Q is 1 to 4,294,967,295.
For example, to establish a divide ratio of Q = 1,000,000, the
required 32-bit value is 1,000,000 (0x 000F 4240 hexadecimal).
Table 63. Q Divider Divide Ratio Address Ranges
Q Divider
Register Address
Q0A
0x1100 to 0x1103
Q0AA
0x1109 to 0x110C
Q0B
0x1112 to 0x1115
Q0BB
0x111B to 0x111E
Q0C
0x1124 to 0x1127
Q0CC
0x112D to 0x1130
Q1A
0x1500 to 0x1503
Q1AA
0x1509 to 0x150C
Q1B
0x1512 to 0x1515
Q1BB
0x151B to 0x151E
A value of 0 (default) sets a divide ratio of 1, which is an
unsupported divide ratio. Therefore, at power-up or after
resetting the device, the user must program the Qxy divider
ratio bit fields with values greater than 1 to enable the
corresponding Q dividers.
Although it is possible to program a different divide ratio for
each Q divider of a Q divider pair, the recommendation is to
avoid doing so because a Q divider pair with differing divide
ratios results in two different output frequencies and can cause
cross coupling issues (due to the close physical proximity of the
corresponding output drivers). The intent is for Q divider pairs
to operate with the same output frequency but with the option
to control the relative phase between the outputs (see the
Distribution Phase Offset Control section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com