Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 70 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9546 Datasheet HTML 66Page - Analog Devices AD9546 Datasheet HTML 67Page - Analog Devices AD9546 Datasheet HTML 68Page - Analog Devices AD9546 Datasheet HTML 69Page - Analog Devices AD9546 Datasheet HTML 70Page - Analog Devices AD9546 Datasheet HTML 71Page - Analog Devices AD9546 Datasheet HTML 72Page - Analog Devices AD9546 Datasheet HTML 73Page - Analog Devices AD9546 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 70 of 205
PARAMETER DESTINATION SELECTION
IUTS 0 and IUTS 1 each require the following two parameters
from the register map as part of normal operation: time code
and restart.
The register map has one instance of the two parameters which
the user designates for a specific IUTS via the 5-bit unsigned
destination bit field in Bits[4:0] of Register 0x0F09. The
destination bits select the desired path of the two parameters to
the target resource (via the two 1 to 4 demuxes shown in Figure 54)
according to Table 45. The target resources include both IUTSs
as well as the CCS. For destination bit field values of 30 and 31,
see the Synchronization Time section of the Common Clock
Synchronizer (CCS) section for details.
Table 45. Destination Selection
Destination Bit Field Value (Decimal)
Target Resource
0 to 12
Reserved
13
IUTS 0
14
IUTS 1
15 to 29
Reserved
30
CCS Sync 0 time code
31
CCS Sync 1 time code
TIME CODE AND FORMAT
The time code and format functionality is identical to that
described in the Synchronization Time section of the Common
Clock Synchronizer (CCS) section. The only difference is that
the user selects IUTS 0 or IUTS 1 as the target resource per
Table 45 via Bits[4:0] of Register 0x0F09.
IUTS TIME OFFSET
Each IUTS allow the user to add a constant time offset value to
each estimated time code generated by the IUTS period
processor. The time offset programs as a 24-bit signed value in
Register 0x0F01 to Register 0x0F03 for IUTS 0 and
Register 0x0F05 to Register 0x0F07 for IUTS 1.
The time offset carries units of 2−48 sec, yielding a range of
approximately ±29.8 ns. For example, to program a time offset
of 5 ns (5 × 10−9 sec), first convert to the appropriate units and
round the result to the nearest integer as follows:
5 × 10−9 × 248 = 1,407,375
This value in 24-bit hexadecimal format is: 0x 15 798F.
IUTS STATUS
When the IUTS period processor establishes the period
associated with successive time codes, it indicates a ready status
(Logic 1) via Bits[1:0] of Register 0x3023, with Bit 1 and Bit 0
indicating the status of IUTS 1 and IUTS 0, respectively.
However, the user can manually override the valid status of an
IUTS (see the Declaring an IUTS Invalid section).
The user also has access to two IRQ status bits for each IUTS
via Bits[3:0] of Register 0x301E. One bit of the pair indicates
IUTS valid status, and the other bit indicates IUTS invalid
status. IUTS valid status appears in Bit 0 and Bit 2 (for IUTS 0
and IUTS 1, respectively). IUTS invalid status appears in Bit 1 and
Bit 3 (for IUTS 0 and IUTS 1, respectively).
The status bits exist as part of the IRQ mechanism (see the
Interrupt Request (IRQ) section). IUTS status indication is also
available via an appropriately configured Mx status pin (see the
Status and Control Pins section).
An IUTS indicates invalid status under the following conditions:
•
The user declares an IUTS as invalid (see the Declaring an
IUTS section)
•
The common clock DPLL indicates unlocked (unless the
user activates the bypass lock option (see the IUTS Bypass
Lock Option section)
•
A restart (see the IUTS Restart section) accompanies an
input time code
•
An input time code arrives when the IUTS is busy
•
The IUTS period monitor detects a period discontinuity
IUTS RESTART
The IUTS period processor uses an internal algorithm for filtering
period jitter that may be present on the incoming sequence of time
codes. The algorithm gradually reduces the filtering bandwidth
as it collects period samples over time. In some cases, there may
be a need to restart the filtering process (such as the user
switching the IUTS to a new time code source, for example).
To restart the IUTS, use the restart bit in Bit 0 of Register 0x0F08.
Logic 0 (default) is normal operation, whereas Logic 1 forces
the IUTS to restart.
IUTS BYPASS LOCK OPTION
Normally, each IUTS requires the common clock DPLL to
indicate locked status to processes time codes. The user,
however, can remove this constraint for each IUTS
independently via Bit 1 of Register 0x0F00 for IUTS 0 and
Register 0x0F04 for IUTS 1. Logic 0 (default) means the IUTS is
inoperative when the common clock DPLL indicates an unlock
condition. Logic 1 causes the IUTS to disregard the lock status
of the common clock DPLL.
DECLARING AN IUTS INVALID
Because the output of an IUTS is a digitized clock signal
available to other digitized clocking resources, the user may
need to declare an IUTS as an invalid clock source. For
example, the user may be aware of a problem with the source of
input time codes to the IUTS that renders the IUTS output
unsuitable as a digitized clock source to downstream resources.
To handle such conditions, each IUTS allows manual
invalidation of an IUTS as a time stamp source.
To invalidate an IUTS, use Bit 0 of Register 0x0F00 for IUTS 0 and
Register 0x0F04 for IUTS 1. Logic 0 (default) invalidates the
IUTS, whereas Logic 1 allows normal IUTS operation. Note
that manual invalidation of an IUTS causes the IUTS to
indicate an invalid status (see the IUTS Status section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com