Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9546 Datasheet HTML 23Page - Analog Devices AD9546 Datasheet HTML 24Page - Analog Devices AD9546 Datasheet HTML 25Page - Analog Devices AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 27 of 205
COMMON CLOCK SYNCHRONIZER (CCS) SPECIFICATIONS
Table 26.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ABSOLUTE LATENCY
Time from asserting an input/output (IO) update (Bit 0 in
Register 0x000F) to the CSS indicating ready status (asserting IO
update constitutes insertion of a time value; see the synchronization
time input in Figure 51)
Fractional Seconds Format
1
μs
PTP Format
3
μs
BLACKOUT PERIOD
10
μs
The time interval following assertion of an input synchronization
event (see the synchronization input in Figure 51) before asserting an
IO update to insert a time value (see the synchronization time input in
Figure 51)
GUARD PARAMETERS
Maximum Magnitude Guard
Range
0
953
ns
Minimum value applies when maximum magnitude guard is disabled;
maximum value is (220 − 1) × 2−40 sec
Resolution
909
fs
2−40 sec
Latency Guard
Range
0
0.99998
sec
Minimum value applies when latency guard is disabled; maximum
value is 1 − 2−16 sec
Resolution
15.3
μs
2−16 sec
SLEW LIMITER
Range
0
244
μs/sec
Minimum value applies when slew limiter is disabled; Max value is
(224 − 1) × 2−36 sec
Resolution
14.6
ps/sec
2−36 sec/sec
TIME OFFSET
Range
−7.63
+7.63
μs
Minimum value is −2−17 sec; maximum value is (231 – 1) × 2−48 sec
Resolution
3.55
fs
2−48 sec
TIME SKEW
Range
−29.8
+29.8
ns
Minimum value is −2−25s; maximum value is (223 – 1) × 2−48 sec
Resolution
3.55
fs
2−48 sec
USER TIME STAMPERS (UTS) SPECIFICATIONS
Table 27.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LATENCY
Fractional Seconds Format
4
6
μs
PTP Format
5
7
μs
THROUGHPUT RATE
The sample rate is shared among all UTSs that are connected to a time
stamp source; data capture involves asserting an IO update and reading
the UTS first in, first out (FIFO) registers as a contiguous 14-byte block;
the indicated rate is the maximum continuous UTS traffic possible
without overloading the UTS FIFO
SCLK = 50 MHz with
Address Looping
446
kSPS
Dedicated, 100% serial port interface (SPI) utilization using address
looping (loop length = 14 decimal in Register 0x0010), which eliminates
the overhead of asserting an IO update prior to reading the UTS FIFO
registers
SCLK = 50 MHz
324
kSPS
Dedicated, 100% SPI utilization
SCLK = 25 MHz
16
kSPS
10% SPI utilization
TIME OFFSET
Range
−29.8
+29.8
ns
Signed 24-bit range scaled by 2−48 sec
Resolution
3.55
fs
2−48 sec
FIFO DEPTH
18
Samples
Each UTS has a one-sample buffer, which can extend the apparent FIFO
depth by a few samples beyond 18 samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com