Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9546 Datasheet HTML 10Page - Analog Devices AD9546 Datasheet HTML 11Page - Analog Devices AD9546 Datasheet HTML 12Page - Analog Devices AD9546 Datasheet HTML 13Page - Analog Devices AD9546 Datasheet HTML 14Page - Analog Devices AD9546 Datasheet HTML 15Page - Analog Devices AD9546 Datasheet HTML 16Page - Analog Devices AD9546 Datasheet HTML 17Page - Analog Devices AD9546 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 14 of 205
REFx TO REFx INPUT TIMING SKEW
The values shown in Table 8 indicate the internal timing skew between a clock signal applied to the REFA input (base input) and the
same clock signal applied to the REFAA, REFB, or REFBB input (target input) with both clock signals time aligned at the device pins.
The top section of the table indicates timing skew for REFA configured as the CMOS 1.2 V base input against REFx (x = AA, B, BB) as
the target input with various target input configurations. The bottom section of the table captures timing skew for REFA as the base
input with input configurations other than CMOS 1.2 V against REFB CMOS 1.2 V as the target input, which establishes REFB CMOS
1.2 V as a common target for different REFA input configurations. The common target allows the user to extrapolate the skew to other
target inputs when REFA is configured for other than CMOS 1.2 V.
Table 8.
Parameter
Min
Typ
Max
Unit
TIMING SKEW—REFA CMOS 1.2 V BASE REFERENCE INPUT
Target Reference Input
REFAA CMOS 1.2 V
−190
−70
+45
ps
REFAA CMOS 1.8 V
−95
+130
+330
ps
REFAA AC-Coupled Single-Ended
−70
+55
+215
ps
REFB CMOS 1.2 V
−155
−15
+125
ps
REFBB CMOS 1.2 V
−170
−30
+110
ps
REFB Differential, LVDS
−250
−100
+50
ps
REFB Differential, DC-Coupled
−190
+30
+270
ps
TIMING SKEW—OTHER BASE REFERENCE INPUT CONFIGURATIONS
REFA CMOS 1.8 V Base Reference Input
Target Reference Input
REFB CMOS 1.2 V
−180
−5
+155
ps
REFA AC-Coupled, Single-Ended Base Reference Input
Target Reference Input
REFB CMOS 1.2 V
−200
−55
+95
ps
REFA Differential, LVDS Base Reference Input
Target Reference Input
REFB CMOS 1.2 V
40
195
340
ps
REFA Differential, DC-Coupled Base Reference Input
Target Reference Input
REFB CMOS 1.2 V
−145
+85
+285
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com