Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9546 Datasheet HTML 34Page - Analog Devices AD9546 Datasheet HTML 35Page - Analog Devices AD9546 Datasheet HTML 36Page - Analog Devices AD9546 Datasheet HTML 37Page - Analog Devices AD9546 Datasheet HTML 38Page - Analog Devices AD9546 Datasheet HTML 39Page - Analog Devices AD9546 Datasheet HTML 40Page - Analog Devices AD9546 Datasheet HTML 41Page - Analog Devices AD9546 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 38 of 205
ABSOLUTE MAXIMUM RATINGS
Table 39.
Parameter
Rating
1.8 V Supply Voltage (VDD)
2 V
Output Drivers (OUT0AP, OUT0AN,
OUT0BP, OUT0BN, OUT0CP,
OUT0CN, OUT1AP, OUT1AN,
OUT1BP, and OUT1BN Pins)
2 V
Input/Output Supply Voltage
(VDDIOA and VDDIOB)
3.6 V
Input Voltage Range (XOA, XOB, REFA,
REFAA, REFB, and REFBB Pins)
−0.5 V to VDD + 0.5 V
Digital Input Voltage Range
SDO/M5, SCLK/SCL, SDIO/SDA,
and CSB/M6 Pins
−0.5 V to VDDIOA + 0.5 V
M0, M1, M2, M3, and M4 Pins
−0.5 V to VDDIOB + 0.5 V
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the junction to ambient thermal resistance, 0.0 m/sec
airflow per JEDEC JESD51-2 (still air).
θJMA is the junction to ambient thermal resistance, 1.0 m/sec
airflow or 2.5 m/sec airflow per JEDEC JESD51-6 (moving air).
θJC is the junction to case thermal resistance (die to heat sink)
per MIL-STD 883, Method 1012.1.
Values of θJA are for package comparison and PCB design
considerations. θJA provides for a first-order approximation
of TJ per the following equation:
TJ = TA + (θJA × PD)
where:
TA is the ambient temperature (°C).
PD is the power dissipation in watts.
Values of θJC are for package comparison and PCB design
considerations when an external heat sink is required.
Table 40. Thermal Resistance
Package Type
θJA
θJMA1
θJC
Unit
CP-48-132, 3
23.1
18.4, 17.1
0.7
°C/W
1
θJMA is 18.4°C/W at 1.0 m/sec airflow and 17.1°C/W at 2.5 m/sec airflow.
2
Thermal characteristics derived using a JEDEC51-7 plus JEDEC51-5 2S2P test
board. The exposed pad on the bottom of the package must be soldered to
ground to achieve the specified thermal performance.
3
Results are from simulations. The PCB is a JEDEC multilayer type. Thermal
performance for actual applications requires careful inspection of the
conditions in the application to determine if they are similar to those
assumed in these calculations.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com