Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 1 Page - Analog Devices

  AD9546 Datasheet HTML 1Page - Analog Devices AD9546 Datasheet HTML 2Page - Analog Devices AD9546 Datasheet HTML 3Page - Analog Devices AD9546 Datasheet HTML 4Page - Analog Devices AD9546 Datasheet HTML 5Page - Analog Devices AD9546 Datasheet HTML 6Page - Analog Devices AD9546 Datasheet HTML 7Page - Analog Devices AD9546 Datasheet HTML 8Page - Analog Devices AD9546 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 205 page
background image
Dual DPLL Digitized Clock Synchronizer
Data Sheet
AD9546
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Digitized clock transport subsystem
9 independent UTS blocks (time stamp egress ports)
2 independent IUTS blocks (time stamp ingress ports)
Dual DPLL synchronizes 1 Hz to 750 MHz physical layer
clocks, providing frequency translation with jitter
cleaning of noisy references
Complies with ITU-T G.8262 and Telcordia GR-253
Supports Telcordia GR-1244, ITU-T G.812, ITU-T G.813,
ITU-T G.823, ITU-T G.824, ITU-T G.825, and ITU-T G.8273.2
Continuous frequency monitoring and reference validation
for frequency deviation as low as 50 ppb (5 × 10−8)
Both DPLLs feature a 24-bit fractional divider with 24-bit
programmable modulus
Programmable digital loop filter bandwidth: 0.0001 Hz to
1850 Hz
2 independent, programmable auxiliary NCOs (1 Hz to
65,535 Hz, resolution < 1.37 pHz), suitable for IEEE 1588
Version 2 servo feedback in PTP applications
Automatic and manual holdover and reference switchover,
providing zero delay, hitless, or phase buildout operation
Programmable priority-based reference switching with
manual, automatic revertive, and automatic nonrevertive
modes supported
5 pairs of clock output pins with each pair useable as
differential LVDS/HCSL/CML or as 2 single-ended outputs
(1 Hz to 500 MHz)
2 differential or 8 single-ended input references
Crosspoint mux interconnects reference inputs to PLLs
Supports embedded (modulated) input/output clock signals
Fast DPLL locking modes
Provides internal capability to combine the low phase noise
of a crystal resonator or crystal oscillator with the
frequency stability and accuracy of a TCXO or OCXO
External EEPROM support for autonomous initialization
Single 1.8 V power supply operation with internal regulation
Built in temperature monitor and alarm and temperature
compensation for enhanced zero delay performance
APPLICATIONS
5G timing transport high precision synchronization
Global positioning system (GPS), precision time protocol
(PTP) (IEEE 1588), and synchronous Ethernet (SyncE) jitter
cleanup and synchronization
Optical transport networks (OTN), synchronous digital
hierarchy (SDH), and macro and small cell base stations
Small base station clocking (baseband and radio)
Stratum 2, Stratum 3e, and Stratum 3 holdover, jitter
cleanup, and phase transient control
JESD204B support for analog-to-digital converter (ADC) and
digital-to-analog converter (DAC) clocking
Carrier Ethernet
GENERAL DESCRIPTION
The AD9546 incorporates digitized clocking technology that
efficiently transports and distributes clock signals in systems.
Digitized clocking allows the design of flexible and scalable
clock transport systems with well controlled phase (time)
alignment. These characteristics make the AD9546 a leading
choice for the design of network equipment that must meet the
synchronization requirements for IEEE® 1588™ boundary clocks
per ITU-T G.8273.2 Class D. Digitized clocking is also relevant
in applications requiring the accurate transport of frequency
and phase to multiple usage endpoints (for example,
distributing synchronized system reference (SYSREF) clocks to
an array of ADC channels).
The AD9546 supports existing and emerging International
Telecommunications Union (ITU) standards for the delivery of
frequency, phase, and time of day over service provider packet
networks (ITU-T G.8262, ITU-T G.812, ITU-T G.813, ITU-T
G.823, ITU-T G.824, ITU-T G.825, and ITU-T G.8273.2).
The 10 clock outputs of the AD9546 synchronize to any one of
up to eight input references. The digital phase-locked loops
(DPLLs) reduce timing jitter associated with the external
references, and the analog phase-locked loops (APLLs) provide
frequency translation with low jitter output clocks. The digitally
controlled loop and holdover circuitry continuously generate a
low jitter output signal, even when all reference inputs fail.
The AD9546 is available in a 48-lead LFCSP (7 mm × 7 mm)
package and operates over the −40°C to +85°C temperature range.
Throughout this data sheet, a single function of a multifunction
pin name may be referenced when only that function is relevant
(for example, M5 for SDO/M5).


Similar Part No. - AD9546

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9540 AD-AD9540 Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
AD9540 AD-AD9540 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ AD-AD9540BCPZ Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
AD9540BCPZ AD-AD9540BCPZ Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ-REEL AD-AD9540BCPZ-REEL Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
More results

Similar Description - AD9546

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
942Kb / 78P
Dual Input Network Clock Generator/Synchronizer
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
CLOCK/SYNCHRONIZER - SY02-PLL
logo
Analog Devices
AD9542 AD-AD9542 Datasheet
1Mb / 61P
Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
9/2017-Revision 0
AD9543 AD-AD9543 Datasheet
1Mb / 66P
Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
10/2017-Revision 0
AD9544 AD-AD9544 Datasheet
1Mb / 62P
Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
10/2017-Revision 0
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com