Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 94 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9546 Datasheet HTML 90Page - Analog Devices AD9546 Datasheet HTML 91Page - Analog Devices AD9546 Datasheet HTML 92Page - Analog Devices AD9546 Datasheet HTML 93Page - Analog Devices AD9546 Datasheet HTML 94Page - Analog Devices AD9546 Datasheet HTML 95Page - Analog Devices AD9546 Datasheet HTML 96Page - Analog Devices AD9546 Datasheet HTML 97Page - Analog Devices AD9546 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 94 of 205
DISTRIBUTION DIVIDERS (Q DIVIDERS)
DISTRIBUTION DIVIDERS OVERVIEW
Five pairs of Q dividers correspond to the five pairs of clock
output drivers (see the Distribution Clock Output Drivers
section). Unlike typical clock dividers, which count the rising
edge (or falling edge) of its input clock, the Q dividers count
both the rising and falling edges of its input clock. Dual-edge
counting enables features not possible with a typical counter.
The Q dividers respond to several controllers that implement
the various features of the Q dividers. Figure 67 shows a
diagram of the Q dividers and associated controllers. Although
not explicitly shown, the output of each Q divider routes to its
corresponding output driver.
Each Q divider has independent phase offset (delay) capability
as governed by a phase offset controller (see the Distribution
Phase Offset Control section). In addition, a sophisticated and
flexible synchronization mechanism provides synchronized
output clock timing for any or all Q divider output signals (see
the Distribution Output Clock Synchronization section).
A JESD204B and burst controller enables each Q divider to
generate a clock signal supporting JESD204B or to generate
flexible burst patterns supporting gapped clock and similar
applications (see the Distribution N Shot/PRBS Output
Clocking section).
Furthermore, the Qxy divider of each Q divider pair is capable
of modulating (that is, time shifting) falling edges of the output
clock signal. The modulation of the clock edge location
supports embedded clock applications such as transporting a
lower frequency clock signal over a higher frequency carrier
clock (see the Distribution Embedded Output Clock
Modulation section).
At power-up, the synchronization controller holds the disabled
Q dividers (that is, there are no output clocks). Consequently,
the user must issue a synchronization request (see the
Distribution Output Clock Synchronization section) following
a power-up or reset to initialize the Q dividers.
MODULATION
Qxy
SYNC
Qxy
SYSTEM
CLOCK
PLL0/PLL1
P DIVIDER
Q DIVIDER PAIR 1
Q DIVIDER PAIR 5
TO
OUTPUT
DRIVERS
N SHOT/PRBS
CONTROLLER
PHASE OFFSET
CONTROLLER
SYNCHRONIZATION
CONTROLLER
10
4
5
10
TO Q DIVIDER PAIR 2 TO PAIR 5
MODULATION
CONTROLLER
8
10
8
8
2
2
2
N SHOT/PRBS
N SHOT/PRBS
PHASE OFFSET
PHASE OFFSET
SYNC
Figure 67. Functional Block Diagram of Q Dividers and Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com