Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9546 Datasheet HTML 11Page - Analog Devices AD9546 Datasheet HTML 12Page - Analog Devices AD9546 Datasheet HTML 13Page - Analog Devices AD9546 Datasheet HTML 14Page - Analog Devices AD9546 Datasheet HTML 15Page - Analog Devices AD9546 Datasheet HTML 16Page - Analog Devices AD9546 Datasheet HTML 17Page - Analog Devices AD9546 Datasheet HTML 18Page - Analog Devices AD9546 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 15 of 205
REFx TO AUXILIARY REFx INPUT TIMING SKEW
The values shown in Table 9 indicate the internal timing skew between a clock signal applied to the REFA input (configured for CMOS
1.2 V) and the same clock signal applied to an auxiliary REFx via an Mx pin with both clock signals time aligned at the device pins. Skew
data for the various VDDIOB voltages is also captured in Table 9 because VDDIOB is the power supply for the Mx pins. Note that REFA
CMOS 1.2 V is always the base input for a target Mx and auxiliary REFx combination. Skew relative to a different input configuration for
REFA or to another REFx input (with various input configurations) can be inferred using Table 8 in conjunction with Table 9. Skew data
appears only for M0, M1, M2, and M3 because these are the only Mx pins recommended for use with the auxiliary REFx references. The
data reveals that operating with VDDIOB = 3.3 V yields lower REFx to auxiliary REFx timing skew than operating with VDDIOB = 1.8 V
or 2.5 V.
Table 9.
Parameter
Min
Typ
Max
Unit
INTERNAL TIMING SKEW
M0
VDDIOB = 1.8 V
Auxiliary REF0
950
1465
2040
ps
Auxiliary REF1
845
1355
1930
ps
Auxiliary REF2
715
1240
1820
ps
Auxiliary REF3
720
1250
1835
ps
VDDIOB = 2.5 V
Auxiliary REF0
495
870
1255
ps
Auxiliary REF1
380
760
1150
ps
Auxiliary REF2
250
640
1045
ps
Auxiliary REF3
255
655
1075
ps
VDDIOB = 3.3 V
Auxiliary REF0
330
610
925
ps
Auxiliary REF1
215
505
820
ps
Auxiliary REF2
95
385
715
ps
Auxiliary REF3
95
400
740
ps
M1
VDDIOB = 1.8 V
Auxiliary REF0
1000
1485
2050
ps
Auxiliary REF1
865
1355
1925
ps
Auxiliary REF2
800
1300
1885
ps
Auxiliary REF3
700
1200
1785
ps
VDDIOB = 2.5 V
Auxiliary REF0
455
830
1265
ps
Auxiliary REF1
325
700
1135
ps
Auxiliary REF2
255
640
1085
ps
Auxiliary REF3
150
540
990
ps
VDDIOB = 3.3 V
Auxiliary REF0
315
585
915
ps
Auxiliary REF1
185
460
795
ps
Auxiliary REF2
115
400
735
ps
Auxiliary REF3
35
310
635
ps
M2
VDDIOB = 1.8 V
Auxiliary REF0
1020
1515
2075
ps
Auxiliary REF1
870
1390
1970
ps
Auxiliary REF2
825
1325
1890
ps
Auxiliary REF3
725
1235
1815
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com