Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9546 Datasheet HTML 22Page - Analog Devices AD9546 Datasheet HTML 23Page - Analog Devices AD9546 Datasheet HTML 24Page - Analog Devices AD9546 Datasheet HTML 25Page - Analog Devices AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 26 of 205
TIME TO DIGITAL CONVERTER (TDC) SPECIFICATIONS
Table 23.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TDCs
Frequency Range
200
kHz
Pulse Width
5
ns
Time Stamp Jitter
Root Mean Square (TDCJrms)
5
11
ps
Peak (TDCJpk)
250
ps
Retrigger Blackout Period
4.9
µs
Interval between successive rising edges at the TDC input
Start-Up Time
6
ms
The time required, after the system clock PLL locks, before
the TDCs can generate time stamps
AUXILIARY NCO SPECIFICATIONS
Table 24.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
NCOs
Auxiliary NCO 0 and auxiliary NCO 1
Fundamental Frequency
Range
1
65,535
Hz
Quantization
1.27
1.37
pHz
pHz is picohertz
Phase Slew Limiter
5
232
ppb
Actual units are fractional part (ideal)/actual unit interval (UI)
Output Signal
Pulse Width
38
ns
Duty Cycle
45
55
%
Assumes the device is programmed to produce a nominal
pulse width of 50%
Quantization
1.4
ns
COMMON CLOCK DPLL SPECIFICATIONS
Table 25.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE LOCK DETECTOR
Threshold Programming Range
0
65,535
ps
Programmed values < 10 ps not recommended
Threshold Resolution
1
ps
Post Detection Delay Range
0
65,535
ms
REFERENCE MONITOR
Loss of Reference Detection Time
2 × tPFD
µs
tPFD = R/fREF, where R is the reference input divider
value and fREF is the reference input frequency in MHz
Input Period Deviation Limit
3.125
%
Relative to the programmed value of the reference
period, tREF
Reference Validation Delay
2
ms
Applies only to the common clock DPLL secondary
frequency source (see the Common Clock Reference
Switchover section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com