Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9546 Datasheet HTML 7Page - Analog Devices AD9546 Datasheet HTML 8Page - Analog Devices AD9546 Datasheet HTML 9Page - Analog Devices AD9546 Datasheet HTML 10Page - Analog Devices AD9546 Datasheet HTML 11Page - Analog Devices AD9546 Datasheet HTML 12Page - Analog Devices AD9546 Datasheet HTML 13Page - Analog Devices AD9546 Datasheet HTML 14Page - Analog Devices AD9546 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 11 of 205
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Voltage
High, VIH
1.17
2.07
V
Low, VIL
0.63
V
Input Resistance
30
kΩ
Slew Rate
>8
V/µs
Required for proper reference monitor operation; output
jitter degradation can occur for slew rates <35 V/µs
Input Pulse Width
900
ps
AC-Coupled
Frequency Range
1
500 × 106
Hz
Applies to 1.2 V CMOS ac-coupled
Input Amplitude
360
1200
mV
Peak-to-peak single-ended voltage swing; instantaneous
voltage must not exceed 1.3 V
Input Impedance
15
kΩ
Input Pulse Width
900
ps
Slew Rate
>8
V/µs
Required for proper reference monitor operation; output
jitter degradation can occur for slew rates < 35 V/µs
Common-Mode Voltage
610
mV
Internally generated self bias voltage; applies to 1.2 V CMOS
ac-coupled
AUXILIARY REFERENCES
Applies to the auxiliary Reference 0 (REF0) to auxiliary
Reference 3 (REF3) inputs via appropriately configured Mx
control pins (see the Reference Clock Input Resources
section)
Frequency Range
225
MHz
Input Voltage
High, VIH
VDDIOx
− 0.4
V
Low, VIL
0.4
V
Slew rate
>8
V/µs
Required for proper reference monitor operation; output
jitter degradation can occur for slew rates < 35 V/µs; applies
for VDDIOB = 1.8 V, 2.5 V, or 3.3 V
REFERENCE DEMODULATOR
fOUT is the Q divider output frequency; fSYS is the system clock
frequency and must be in the 2250 MHz to 2415 MHz range;
fSYS = fOSC × K/J, where fOSC is the frequency of the system
clock oscillator connected to the XOA/XOB pins, K is the
feedback divider ratio, and J is the system clock (SYSCLK)
input scale factor; when the SYSCLK doubler is disabled, J is
the value of the J divider (1, 2, 4, or 8); when the SYSCLK
doubler is enabled, J = ½
Carrier Frequency
(Synchronization Edge =
1, 2, 3)
Band 0 and Band 1 (see the Demodulator Bandwidth
section)
Band 0
DC Balanced Modulation
0.5
40
MHz
Unbalanced Modulation
0.5
60
MHz
Band 1
DC Balanced Modulation
1
120
MHz
Unbalanced Modulation
1
180
MHz
Embedded Clock Rate
1
fCAR/8
Hz
fCAR is the unmodulated input frequency
Duty Cycle Deviation
S is the decimal value of Bits[1:0] in Register 0x0302,
Register 0x0303, Register 0x0306, or Register 0x0307 (see the
Demodulator Sensitivity section); B depends on the selected
band, where B is fSYS/3 for Band 0 or fSYS for Band 1 (see the
Demodulator Bandwidth section)
DC Balanced Modulation
(5 + S)/3B
1/(4fCAR)
sec
Unbalanced Modulation
(5 + S)/2B
1/(4fCAR)
sec
Polarity Detection Enabled
(5 + S)/B
1/(4fCAR)
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com