Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9546 Datasheet HTML 5Page - Analog Devices AD9546 Datasheet HTML 6Page - Analog Devices AD9546 Datasheet HTML 7Page - Analog Devices AD9546 Datasheet HTML 8Page - Analog Devices AD9546 Datasheet HTML 9Page - Analog Devices AD9546 Datasheet HTML 10Page - Analog Devices AD9546 Datasheet HTML 11Page - Analog Devices AD9546 Datasheet HTML 12Page - Analog Devices AD9546 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 9 of 205
SYSTEM CLOCK INPUTS, XOA AND XOB
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM CLOCK MULTIPLIER
Output Frequency Range
2250
2415
MHz
The frequency range of the internal voltage controlled
oscillator (VCO) places limits on the choice of the system
clock input frequency
Phase Frequency Detector (PFD) Rate
20
300
MHz
SYSTEM CLOCK INPUT DIRECT PATH
The direct path requires ac coupling to the XOA and XOB
pins (see Figure 31). Do not enable the frequency doubler
when using the direct path
Input Frequency Range
20
300
MHz
Degraded phase noise performance typically occurs for
frequencies below 50 MHz appearing at the input of the
phase frequency detector of the system clock PLL; for
optimal phase noise performance, the recommendation is
to use the quartz crystal resonator path (instead of the
direct path), a crystal resonator with a resonant frequency
≥50 MHz, the frequency doubler enabled, and the device
configured to use the system clock Compensation Method 3
(see the System Clock Compensation section)
Input Duty Cycle
40
60
%
Self Biased Common-Mode Voltage
0.75
V
Internally generated
Input Voltage
For dc-coupled, single-ended operation
High
0.9
V
Low
0.5
V
Differential Input Voltage Sensitivity
250
mV p-p
Minimum voltage swing required (as measured with a
differential probe) across the XOA/XOB pins to ensure
switching between logic states; the instantaneous voltage on
either pin must not exceed 1.2 V; accommodate the single-
ended input by ac grounding the complementary input;
800 mV p-p recommended for optimal jitter performance
Slew Rate for Sinusoidal Input
Functional
>6
V/µs
Required to provide a locked and stable system clock
Operational
>31
V/µs
Required for <1 dBc phase noise degradation
System Clock Input Divider
(J Divider) Frequency
100
MHz
Input Resistance
5
kΩ
SYSTEM CLOCK INPUT QUARTZ
CRYSTAL RESONATOR PATH
The crystal resonator path includes an optional frequency
doubler
Resonator Frequency Range
25
80
MHz
Fundamental mode, AT cut crystal
Crystal Motional Resistance
100
Ω
For crystal resonant frequency > 52 MHz, the motional
resistance must not exceed 50 Ω and the crystal load
capacitance (CL) must not exceed 8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com