Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 84 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9546 Datasheet HTML 80Page - Analog Devices AD9546 Datasheet HTML 81Page - Analog Devices AD9546 Datasheet HTML 82Page - Analog Devices AD9546 Datasheet HTML 83Page - Analog Devices AD9546 Datasheet HTML 84Page - Analog Devices AD9546 Datasheet HTML 85Page - Analog Devices AD9546 Datasheet HTML 86Page - Analog Devices AD9546 Datasheet HTML 87Page - Analog Devices AD9546 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 84 of 205
Validation Time (tVALID)
In some applications, a reference signal must maintain its
validity (that is, not faulted) for some minimum duration
(tVALID) before the system considers the reference valid. The
reference monitor has a built in timer to handle such timed
validation requirements. Each reference monitor has an
associated unsigned 20-bit integer for assigning tVALID per the
register address ranges shown in Table 56.
Table 56. Validation Timer Address Ranges
Reference Input
Register Address Range
REFA
0x0410 to 0x0412
REFAA
0x0430 to 0x0432
REFB
0x0450 to 0x0452
REFBB
0x0470 to 0x0472
Auxiliary REF0
0x0490 to 0x0492
Auxiliary REF1
0x04B0 to 0x04B2
Auxiliary REF2
0x04D0 to 0x04D2
Auxiliary REF3
0x04F0 to 0x04F2
The programmed value of tVALID carries units of milliseconds,
up to a maximum of approximately 1048 sec (about 17.5 min).
For example, a validation time of 10 min requires
tVALID = (10 min) × (60 sec/min) × (1000 ms/sec)
= 600,000 ms (0x927C0 hexadecimal)
The validation timer starts when the reference goes from a
faulted condition to an unfaulted condition. When the
validation timer expires (that is, in Figure 60, the done output
of the validation timer = 1), then the reference exhibits valid
status (valid = 1).
After the validation timer starts, if a faulted condition occurs,
the validation timer restarts. This behavior ensures that
reference validation occurs only after a reference maintains an
unfaulted condition for the full duration of the validation
timer.
Note that programming a new value for tVALID causes the
validation timer to reset. Resetting the validation timer
invalidates the reference even if the reference was valid prior to
changing tVALID. However, even though the reference exhibits an
invalid status when the validation timer is reset, the reference
monitor continues to indicate the appropriate fault or
unfaulted condition based on the quality of the reference input
signal.
The user can force a reference to invalid status without
affecting the normal operation of the reference monitor (see the
Invalidate section).
Timeout
The user has the option to force the validation timer to
immediately time out via Register 0x2002, Bits[7:0], where each
bit in the register corresponds to a particular reference.
Specifically, starting with D7 and ending with D0, the
corresponding references are auxiliary REF3, auxiliary REF2,
auxiliary REF1, auxiliary REF0, REFBB, REFB, REFAA, and
REFA.
Programming timeout = 1 causes the validation timer to time
out immediately, giving the reference valid status (valid = 1).
Bypass
In certain circumstances, a user may find it necessary to bypass
the reference monitor control of the validation timer. To this
end, each reference input has a dedicated control bit (bypass)
via Register 0x2004, Bits[7:0], where each bit in the register
corresponds to a particular reference. Specifically, starting with
D7 and ending with D0, the corresponding references are
auxiliary REF3, auxiliary REF2, auxiliary REF1, auxiliary REF0,
REFBB, REFB, REFAA, and REFA.
The bypass function does not actually bypass the reference
monitor itself, but only the behavior of valid status.
When a reference has bypass = 0 (default), the normal fault and
unfault conditions prescribed by the reference monitor control
the start of the validation timer, which controls the valid state.
Per Figure 60, when bypass = 0, the user has the option to force
an unfaulted reference to invalid status via the invalidate
control mechanism (see the Invalidate section). However, the
user cannot force a faulted reference to be valid via the
invalidate control mechanism when bypass = 0.
When a reference has bypass = 1, starting the validation timer
falls under user control via the invalidate control mechanism
(see the Invalidate section). That is, programming invalidate =
0 is equivalent to the reference monitor exhibiting an unfaulted
condition. Conversely, programming invalidate = 1 is
equivalent to the reference monitor exhibiting a faulted
condition. The validation timer responds accordingly to the
imposed fault and unfault conditions.
Note that regardless of the state of the bypass or invalidate
control bit, the fast, slow, LOS, and excess jitter status
indicators of the reference monitor function normally and
remain accessible to the user via their respective status registers
(see Figure 60).
Invalidate
In certain circumstances, a user may find it necessary to force a
reference from a valid state to an invalid state. To this end, each
reference input has a dedicated control bit (invalidate) via
Register 0x2003, Bits[7:0], where each bit in the register
corresponds to a particular reference. Specifically, starting with
D7 and ending with D0, the corresponding references are
auxiliary REF3, auxiliary REF2, auxiliary REF1, auxiliary REF0,
REFBB, REFB, REFAA, and REFA.
A scenario for using invalidate = 1 when bypass = 0 is when the
reference signal must be traceable to a primary timing source,
but the user has external knowledge that the source is no longer
traceable. Under these circumstances, the reference signal may
still satisfy the parameters for being in tolerance. Therefore, the
reference monitor indicates the reference as unfaulted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com